Electronic Components Datasheet Search |
|
NRLUW471M450V35X40SF Datasheet(PDF) 3 Page - NIC-Components Corp. |
|
NRLUW471M450V35X40SF Datasheet(HTML) 3 Page - NIC-Components Corp. |
3 / 6 page 3 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Large Can Aluminum Electrolytic Capacitors NRLUW Series Part Number Voltage (VDC) Cap ( μF) Case Size D x L (mm) Dissipation Factor Max. Leakage Current ( μA) Max. Ripple Current (Arms @ 105°C) 120Hz 10KHz ~ up NRLUW152M220V30X50SF 220 1500 30X50 0.2 1723 2.75 4.12 NRLUW152M220V35X40SF 1500 35X40 0.2 1723 2.50 3.75 NRLUW182M220V35X45SF 1800 35X45 0.2 1887 3.04 4.56 NRLUW271M250V22X25SF 250 270 22X25 0.2 779 1.18 1.77 NRLUW331M250V22X30SF 330 22X30 0.2 861 1.37 2.05 NRLUW331M250V25X25SF 330 25X25 0.2 861 1.14 1.71 NRLUW391M250V22X35SF 390 22X35 0.2 936 1.56 2.34 NRLUW391M250V25X30SF 390 25X30 0.2 936 1.38 2.07 NRLUW471M250V22X40SF 470 22X40 0.2 1028 1.74 2.61 NRLUW471M250V25X30SF 470 25X30 0.2 1028 1.61 2.41 NRLUW561M250V22X45SF 560 22X45 0.2 1122 1.92 2.88 NRLUW561M250V25X35SF 560 25X35 0.2 1122 1.83 2.74 NRLUW561M250V30X25SF 560 30X25 0.2 1122 1.63 2.44 NRLUW681M250V22X50SF 680 22X50 0.2 1236 2.04 3.06 NRLUW681M250V25X40SF 680 25X40 0.2 1236 2.04 3.06 NRLUW681M250V30X30SF 680 30X30 0.2 1236 1.90 2.85 NRLUW681M250V35X25SF 680 35X25 0.2 1236 1.80 2.70 NRLUW821M250V25X45SF 820 25X45 0.2 1358 2.24 3.36 NRLUW821M250V30X35SF 820 30X35 0.2 1358 2.15 3.22 NRLUW821M250V35X30SF 820 35X30 0.2 1358 1.81 2.71 NRLUW102M250V30X40SF 1000 30X40 0.2 1500 2.39 3.58 NRLUW102M250V35X35SF 1000 35X35 0.2 1500 2.38 3.57 NRLUW122M250V30X45SF 1200 30X45 0.2 1643 2.62 3.93 NRLUW122M250V35X40SF 1200 35X40 0.2 1643 2.39 3.58 NRLUW152M250V35X45SF 1500 35X45 0.2 1837 2.92 4.38 NRLUW182M250V35X50SF 1800 35X50 0.2 2012 3.04 4.56 NRLUW151M315V22X25SF 315 150 22X25 0.2 652 0.82 1.14 NRLUW181M315V22X30SF 180 22X30 0.2 714 0.95 1.33 NRLUW221M315V22X35SF 220 22X35 0.2 789 1.11 1.55 NRLUW221M315V25X25SF 220 25X25 0.2 789 0.98 1.37 NRLUW271M315V22X40SF 270 22X40 0.2 874 1.28 1.79 NRLUW271M315V25X30SF 270 25X30 0.2 874 1.17 1.63 NRLUW331M315V22X45SF 330 22X45 0.2 967 1.45 2.03 NRLUW331M315V25X35SF 330 25X35 0.2 967 1.35 1.89 NRLUW331M315V30X25SF 330 30X25 0.2 967 1.19 1.66 NRLUW391M315V22X50SF 390 22X50 0.2 1051 1.62 2.26 NRLUW391M315V25X40SF 390 25X40 0.2 1051 1.53 2.14 NRLUW391M315V30X30SF 390 30X30 0.2 1051 1.40 1.96 NRLUW391M315V35X25SF 390 35X25 0.2 1051 1.30 1.82 NRLUW471M315V25X45SF 470 25X45 0.2 1154 1.73 2.42 NRLUW471M315V30X35SF 470 30X35 0.2 1154 1.61 2.25 NRLUW471M315V35X30SF 470 35X30 0.2 1154 1.52 2.12 NRLUW561M315V25X50SF 560 25X50 0.2 1260 1.99 2.78 NRLUW561M315V30X40SF 560 30X40 0.2 1260 2.00 2.80 NRLUW561M315V35X30SF 560 35X30 0.2 1260 1.69 2.36 |
Similar Part No. - NRLUW471M450V35X40SF |
|
Similar Description - NRLUW471M450V35X40SF |