Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVE-GC1F2012M Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EVE-GC1F2012M
Description  12 mm Square GS Encoders
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVE-GC1F2012M Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EVE-GC1F2012M Datasheet HTML 1Page - Panasonic Semiconductor EVE-GC1F2012M Datasheet HTML 2Page - Panasonic Semiconductor EVE-GC1F2012M Datasheet HTML 3Page - Panasonic Semiconductor EVE-GC1F2012M Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Encoders/EVEG/H/K/L
– EV51 –
5Vdc
A
B
COM
0.01
µF
10 k
0.01
µF
10 k
10 k
10 k
Signal A
Signal B
Encoder
OFF
ON
OFF
ON
Signal A
Signal B
T1 T2 T3 T4
CW
Detent steady point
Phase difference T1,T2,T3 ,T4
(At rotational speed 60 r/min.)
Initial..............3.5 m sec. min.
After life........ 2.5 m sec. min.
L1
L3
Corner Cut
L2
Test Circuit Diagram
Phase Difference
Bushing Type
Dimensions
L1
L2
L3
Corner Cut
Barling
15.0 mm
1.6 mm
7.0 mm
1.5 mm
17.5 mm
5.0 mm
5.0 mm
1.5 mm
20.0 mm
5.0 mm
7.0 mm
1.5 mm
22.5 mm
5.0 mm
7.0 mm
1.5 mm
25.0 mm
5.0 mm
12.0 mm
1.5 mm
Sleeve
20.0 mm
7.0 mm
7.0 mm
1.5 mm
22.5 mm
7.0 mm
7.0 mm
1.5 mm
25.0 mm
7.0 mm
12.0 mm
1.5 mm
✽30.0 mm
7.0 mm
✽12.0 mm
✽1.5 mm
Die-cast
20.0 mm
7.0 mm
7.0 mm
1.5 mm
22.5 mm
7.0 mm
7.0 mm
1.5 mm
25.0 mm
7.0 mm
12.0 mm
1.5 mm
✽30.0 mm
12.0 mm
✽12.0 mm
✽1.5 mm
Shaft Trims and Dimensions in mm
✽High-rotation torque
Oct. 2012
00


Similar Part No. - EVE-GC1F2012M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVE-GA1F1724M PANASONIC-EVE-GA1F1724M Datasheet
72Kb / 2P
   16 mm Square Encoders
More results

Similar Description - EVE-GC1F2012M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVER PANASONIC-EVER Datasheet
146Kb / 3P
   11 mm Square GS Encoders
EVQVX PANASONIC-EVQVX Datasheet
96Kb / 2P
   10 mm Square GS Encoders
EVEJB PANASONIC-EVEJB Datasheet
110Kb / 3P
   12 mm Square GS Encoders with Push-on Switch
EVED PANASONIC-EVED Datasheet
250Kb / 3P
   11mm Square GS Encoders G2
EVE-GA1F1724M PANASONIC-EVE-GA1F1724M Datasheet
72Kb / 2P
   16 mm Square Encoders
EVEP PANASONIC-EVEP Datasheet
133Kb / 2P
   16 mm Square Encoders
EVE-QDBRL416B PANASONIC-EVE-QDBRL416B Datasheet
72Kb / 2P
   16 mm Square Encoders
EVQVV PANASONIC-EVQVV Datasheet
91Kb / 2P
   10 mm Square SMD Encoders
EVQ-WHA50K PANASONIC-EVQ-WHA50K Datasheet
64Kb / 1P
   18 mm Square Encoders (High Rotational Torque)
EVQVU PANASONIC-EVQVU Datasheet
143Kb / 2P
   7mm Square Encoders
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com