Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELF18D212F Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELF18D212F
Description  Line Filters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELF18D212F Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELF18D212F Datasheet HTML 1Page - Panasonic Semiconductor ELF18D212F Datasheet HTML 2Page - Panasonic Semiconductor ELF18D212F Datasheet HTML 3Page - Panasonic Semiconductor ELF18D212F Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Line Filters
13.0
±0.5
21.0
±1.0
10.0
±0.5
16.0
±1.0
4-
f0.8
±0.1
13.00
±0.05
4-
f1.2
±0.1
1
2
3
4
Marking
Marking
19.50
±0.05
4–
f1.2
±0.1
19.5
±0.5
32.0
±1.0
11.0
±0.5
4–
f0.8
±0.1
1
4
2
3
Series N, High N
Type 20N, 21N
Series V
Type 290
● Standard Parts
Recommended PWB piercing plan
Recommended PWB piercing plan
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF20N006A
693 06
69.0
1.250
0.6
ELF21N006A
· 873 06
87.0
1.250
0.6
ELF20N008A
433 08
43.0
0.770
0.8
ELF21N008A
· 543 08
54.0
0.770
0.8
ELF20N010A
283 10
28.0
0.500
1.0
ELF21N010A
· 363 10
36.0
0.500
1.0
ELF20N013A
183 13
18.0
0.317
1.3
ELF21N013A
· 223 13
22.0
0.317
1.3
ELF20N015A
143 15
14.0
0.240
1.5
ELF21N015A
· 183 15
18.0
0.240
1.5
ELF20N016A
123 16
12.0
0.212
1.6
ELF21N016A
· 153 16
15.0
0.212
1.6
ELF20N018A
752 18
7.5
0.160
1.8
ELF21N018A
· 942 18
9.4
0.160
1.8
ELF20N020A
702 20
7.0
0.134
2.0
ELF21N020A
· 872 20
8.7
0.134
2.0
ELF20N022A
622 22
6.2
0.111
2.2
ELF21N022A
· 782 22
7.8
0.111
2.2
ELF20N024A
492 24
4.9
0.094
2.4
ELF21N024A
· 612 24
6.1
0.094
2.4
ELF20N027A
472 27
4.7
0.082
2.7
ELF21N027A
· 582 27
5.8
0.082
2.7
ELF20N030A
292 30
2.9
0.056
3.0
ELF21N030A
· 372 30
3.7
0.056
3.0
ELF20N035A
202 35
2.0
0.044
3.5
ELF21N035A
· 252 35
2.5
0.044
3.5
ELF20N040A
152 40
1.5
0.033
4.0
ELF21N040A
· 192 40
1.9
0.033
4.0
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
Part No.
Marking
Inductance
(mH)min.
RDC( )
[at 20 °C]
(Tol ±20 %)
Current
(A rms)
max.
ELF18D290H
290H
33.00
2.691
0.3
ELF18D290R
290R
3.90
0.305
1.0
ELF18D290C
290C
22.00
1.707
0.4
ELF18D290S
290S
3.30
0.277
1.1
ELF18D290A
290A
18.00
1.271
0.5ELF18D290E290E
2.70
0.248
1.1
ELF18D290G
290G
10.00
0.782
0.6
ELF18D290T
290T
2.20
0.186
1.3
ELF18D290L
290L
8.20
0.681
0.6
ELF18D290V
290V
1.80
0.162
1.5
ELF18D290P
290P
6.80
0.571
0.7
ELF18D290D
290D
1.20
0.119
1.6
ELF18D290M
290M
5.60
0.504
0.8
ELF18D290B
290B
0.82
0.072
2.0
DC Resistance
DC Resistance
Dimensions in mm (not to scale)
Dimensions in mm (not to scale)
● Standard Parts (Series High N : 21N)
● Standard Parts (Series N : 20N)
Feb. 2006


Similar Part No. - ELF18D212F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF18D212F PANASONIC-ELF18D212F Datasheet
84Kb / 3P
   Line Filters
ELF18D212F PANASONIC-ELF18D212F Datasheet
84Kb / 3P
   Dimensions in mm (not to scale)
More results

Similar Description - ELF18D212F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELF11M010E PANASONIC-ELF11M010E Datasheet
40Kb / 1P
   Line Filters
logo
ice Components, Ins.
LFU16 ICE-LFU16_08 Datasheet
307Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051_15 Datasheet
106Kb / 1P
   LINE FILTERS
logo
Panasonic Semiconductor
ELF-15N005A PANASONIC-ELF-15N005A Datasheet
71Kb / 2P
   Line Filters
logo
Frontier Electronics.
3051 FRONTIER-3051 Datasheet
110Kb / 1P
   Line Filters
3010131 FRONTIER-3010131 Datasheet
101Kb / 1P
   Line Filters
logo
Panasonic Semiconductor
ELF-18N016A PANASONIC-ELF-18N016A Datasheet
71Kb / 2P
   Line Filters
logo
ice Components, Ins.
LF-20002-1040 ICE-LF-20002-1040 Datasheet
235Kb / 2P
   Line Filters
LFU9 ICE-LFU9 Datasheet
246Kb / 2P
   Line Filters
LFU16 ICE-LFU16 Datasheet
267Kb / 2P
   Line Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com