Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLR471M160V20X30SF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NRLR471M160V20X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR471M160V20X30SF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NRLR471M160V20X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 6Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 7Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 8Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 9Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 10Page - NIC-Components Corp. NRLR471M160V20X30SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR821M220V25X45SF
820
220
25x45
0.304
0.234
2.91
4.36
NRLR821M220V30X35SF
30x35
0.304
0.234
2.84
4.26
NRLR821M220V35X30SF
35x30
0.304
0.234
2.79
4.18
NRLR102M220V30X35SF
1,000
30x35
0.249
0.192
3.36
5.04
NRLR102M220V35X30SF
35x30
0.249
0.192
3.29
4.93
NRLR122M220V30X40SF
1,200
30x40
0.208
0.160
3.72
5.58
NRLR122M220V35X35SF
35x35
0.208
0.160
3.68
5.52
NRLR152M220V30X50SF
1,500
30x50
0.166
0.128
4.18
6.27
NRLR152M220V35X40SF
35x40
0.166
0.128
4.10
6.15
NRLR182M220V35X45SF
1,800
35x45
0.139
0.107
4.52
6.78
NRLR181M250V20X25SF
180
250
20x25
1.382
1.063
1.20
1.80
NRLR221M250V20X25SF
220
20x25
1.131
0.870
1.26
1.89
NRLR221M250V22X25SF
22x25
1.131
0.870
1.24
1.86
NRLR271M250V20X30SF
270
20x30
0.922
0.709
1.42
2.13
NRLR271M250V22X25SF
22x25
0.922
0.709
1.50
2.25
NRLR331M250V20X35SF
330
20x35
0.754
0.580
1.68
2.52
NRLR331M250V22X30SF
22x30
0.754
0.580
1.66
2.49
NRLR331M250V25X25SF
25x25
0.754
0.580
1.61
2.41
NRLR391M250V20X40SF
390
20x40
0.638
0.491
1.92
2.88
NRLR391M250V22X35SF
22x35
0.638
0.491
1.88
2.82
NRLR391M250V25X30SF
25x30
0.638
0.491
1.88
2.82
NRLR471M250V22X35SF
470
22x35
0.530
0.408
2.15
3.22
NRLR471M250V25X35SF
25x35
0.530
0.408
2.15
3.22
NRLR471M250V30X25SF
30x25
0.530
0.408
2.04
3.06
NRLR561M250V22X40SF
560
22x40
0.445
0.342
2.48
3.72
NRLR561M250V25X35SF
25x35
0.445
0.342
2.35
3.52
NRLR561M250V30X25SF
30x25
0.445
0.342
2.35
3.52
NRLR681M250V25X40SF
680
25x40
0.366
0.282
2.67
4.00
NRLR681M250V30X30SF
30x30
0.366
0.282
2.71
4.06
NRLR821M250V25X45SF
820
25x45
0.304
0.234
3.01
4.51
NRLR821M250V30X35SF
30x35
0.304
0.234
2.98
4.47
NRLR821M250V35X30SF
35x30
0.304
0.234
2.96
4.44
NRLR102M250V30X40SF
1,000
30x40
0.249
0.192
3.56
5.34
NRLR102M250V35X35SF
35x35
0.249
0.192
3.48
5.22
NRLR122M250V30X45SF
1,200
30x45
0.208
0.160
3.99
5.98
NRLR122M250V35X35SF
35x35
0.208
0.160
3.84
5.76
NRLR152M250V35X40SF
1,500
35x40
0.166
0.128
4.33
6.49
NRLR182M250V35X50SF
1,800
35x50
0.139
0.107
4.54
6.81
NRLR151M315V20X30SF
150
315
20x30
1.658
1.276
1.00
1.40
NRLR181M315V20X35SF
180
20x35
1.382
1.063
1.13
1.58
NRLR181M315V22X30SF
22x30
1.382
1.063
1.29
1.80
NRLR181M315V25X25SF
25x25
1.382
1.063
1.38
1.93
NRLR221M315V20X35SF
220
20x35
1.131
0.870
1.29
1.80
NRLR221M315V22X30SF
22x30
1.131
0.870
1.41
1.97
NRLR221M315V25X25SF
25x25
1.131
0.870
1.47
2.05
NRLR271M315V22X35SF
270
22x35
0.922
0.709
1.68
2.35
NRLR271M315V25X30SF
25x30
0.922
0.709
1.70
2.38
NRLR331M315V22X40SF
330
22x40
0.754
0.580
1.91
2.67
NRLR331M315V25X35SF
25x35
0.754
0.580
1.94
2.71
NRLR331M315V30X25SF
30x25
0.754
0.580
1.98
2.77
NRLR391M315V22X45SF
390
22x45
0.638
0.491
2.07
2.89
NRLR391M315V25X40SF
25x40
0.638
0.491
2.11
2.95
NRLR391M315V30X30SF
30x30
0.638
0.491
2.15
3.01
NRLR471M315V25X50SF
470
25x50
0.530
0.408
2.31
3.23
NRLR471M315V30X35SF
30x35
0.530
0.408
2.38
3.33
NRLR471M315V35X30SF
35x30
0.530
0.408
2.36
3.30
315Vdc Continued on next page


Similar Part No. - NRLR471M160V20X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR473M100V20X25F NIC-NRLR473M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M100V20X30F NIC-NRLR473M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M100V22X25X30X40F NIC-NRLR473M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M100V35X30F NIC-NRLR473M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M10V20X25F NIC-NRLR473M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR471M160V20X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com