Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPRTR5V0U4D Datasheet(PDF) 6 Page - Unisonic Technologies

Part # UPRTR5V0U4D
Description  INTEGRATED QUAD ULTRA-LOW CAPACITANCE ESD PROTECTION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UPRTR5V0U4D Datasheet(HTML) 6 Page - Unisonic Technologies

  UPRTR5V0U4D Datasheet HTML 1Page - Unisonic Technologies UPRTR5V0U4D Datasheet HTML 2Page - Unisonic Technologies UPRTR5V0U4D Datasheet HTML 3Page - Unisonic Technologies UPRTR5V0U4D Datasheet HTML 4Page - Unisonic Technologies UPRTR5V0U4D Datasheet HTML 5Page - Unisonic Technologies UPRTR5V0U4D Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
UPRTR5V0U4D
DIODE
UNISONICTECHNOLOGIESCO.,LTD
6 of 6
www.unisonic.com.tw
QW-R601-077.B
TYPICAL CHARACTERISTICS(Cont.)
8
3
-25
25
7
6
5
4
Typical Variation of CIN vs. Temp(f=1MHz,Vp=3.3V,VIN=30mV.VN=0V.1uF)
-50
2
1
0
50
75
100
0
0V DC Input Bias
1.65V DC Input Bias
Temperature (°C)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - UPRTR5V0U4D

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
   Ultra Precision Resistor Networks
logo
Pepperl+Fuchs Inc.
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
   Universal Power Rail
2021-04-08
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
   Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
   Universal Power Rail
2021-04-08
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
   Cover for DIN Mounting Rail
2021-04-08
More results

Similar Description - UPRTR5V0U4D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PRTR5V0U4D NXP-PRTR5V0U4D Datasheet
54Kb / 7P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01-11 January 2008
PRTR5V0U4Y NXP-PRTR5V0U4Y Datasheet
72Kb / 10P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01-8 May 2008
PRTR5V0U4AD NXP-PRTR5V0U4AD Datasheet
55Kb / 7P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01-17 December 2007
logo
Nexperia B.V. All right...
PRTR5V0U4AD NEXPERIA-PRTR5V0U4AD Datasheet
170Kb / 8P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 17 December 2007
PRTR5V0U4Y NEXPERIA-PRTR5V0U4Y Datasheet
187Kb / 11P
   Integrated quad ultra-low capacitance ESD protection
Rev. 01 - 8 May 2008
logo
FutureWafer Tech Co.,Lt...
ESD3LC-0.4PF FUTUREWAFER-ESD3LC-0.4PF Datasheet
824Kb / 4P
   Ultra low capacitance ESD Protection
logo
Pan Jit International I...
PJE5V0U8TB-AU PANJIT-PJE5V0U8TB-AU Datasheet
288Kb / 6P
   Ultra Low Capacitance ESD Protection
logo
ON Semiconductor
ESD7571 ONSEMI-ESD7571 Datasheet
132Kb / 6P
   Ultra-Low Capacitance ESD Protection
October, 2016 ??Rev. 0
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
   Ultra Low Capacitance ESD Protection
logo
Pan Jit International I...
PE1805C4C6N PANJIT-PE1805C4C6N Datasheet
350Kb / 5P
   ULTRA LOW CAPACITANCE ESD PROTECTION
April 24,2018-REV.00
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com