Electronic Components Datasheet Search |
|
41695-G-D03 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
41695-G-D03 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 2 page This document was generated on 11/08/2013 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 41695-2004 Status: Active Overview: KK® Interconnect System Description: KK® 3.96mm Crimp Terminal Housing, 3 Circuits, Glow Wire Documents: 3D Model RoHS Certificate of Compliance (PDF) Drawing (PDF) Agency Certification CSA LR19980 UL E29179 General Product Family Crimp Housings Series 41695 Application Power, Wire-to-Board Comments This Molex product is manufactured from material that has the following ratings, tested by independent agencies :. a) A Glow Wire Ignition Temperature (GWIT) of at least 775 deg C per IEC 60695-2-13.. b) A Glow Wire Flammability Index (GWFI) above 850 deg C per IEC 60695-2-12.and hence complies with the requirements set out in the International Standard IEC 60335-1 5th edition - household and similar electrical appliances - safety; section 30 Resistance to heat and fire.<P><P>The customers using this product must determine its suitability for use in their particular application through testing or other acceptable means as described in end-product glow-wire flammability test standard IEC 60695-2-11 and any applicable product end-use standard(s).<P>If it is determined during the customer’s evaluation of suitability, that higher performance is required, please contact Molex for possible product options. Overview KK® Interconnect System Product Name KK® 396 UPC 883906396886 Physical Circuits (maximum) 3 Color - Resin Natural Flammability 94V-0 Gender Female Glow-Wire Compliant Yes Keying to Mating Part None Lock to Mating Part Yes Material - Resin Polyester Net Weight 0.898/g Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface 3.96mm Pitch - Termination Interface 3.96mm Temperature Range - Operating See Product Specification Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 41695Series Mates With KK® 396 Header 41791 , 41792 , 41671 , 41672 , 41661 , 41662 Use With KK® 396 Crimp Terminals, 2478 , 2578 , 6838 , 7258 , 45570 |
Similar Part No. - 41695-G-D03 |
|
Similar Description - 41695-G-D03 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |