Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLR821M180V25X35SF Datasheet(PDF) 7 Page - NIC-Components Corp.

Part # NRLR821M180V25X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR821M180V25X35SF Datasheet(HTML) 7 Page - NIC-Components Corp.

Back Button NRLR821M180V25X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 9Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 10Page - NIC-Components Corp. NRLR821M180V25X35SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR182M180V30X45SF
1,800
180
30x45
0.139
0.107
4.55
6.82
NRLR182M180V35X35SF
35x35
0.139
0.107
4.54
6.81
NRLR222M180V35X40SF
2,200
35x40
0.114
0.087
4.83
7.24
NRLR272M180V35X50SF
2,700
35x50
0.093
0.071
5.3
7.95
NRLR221M200V20X25SF
220
200
20x25
1.131
0.870
1.19
1.78
NRLR271M200V20X25SF
270
20x25
0.922
0.709
1.39
2.08
NRLR271M200V22X25SF
22x25
0.922
0.709
1.37
2.05
NRLR331M200V20X30SF
330
20x30
0.754
0.580
1.56
2.34
NRLR331M200V22X25SF
22x25
0.754
0.580
1.51
2.26
NRLR391M200V20X35SF
390
20x35
0.638
0.491
1.74
2.61
NRLR391M200V22X30SF
22x30
0.638
0.491
1.73
2.59
NRLR391M200V25X25SF
25x25
0.638
0.491
1.71
2.56
NRLR471M200V20X35SF
470
20x35
0.530
0.408
2.03
3.04
NRLR471M200V22X30SF
22x30
0.530
0.408
1.97
2.95
NRLR471M200V25X25SF
25x25
0.530
0.408
1.95
2.92
NRLR561M200V20X40SF
560
20x40
0.445
0.342
2.18
3.27
NRLR561M200V22X35SF
22x35
0.445
0.342
2.18
3.27
NRLR561M200V25X30SF
25x30
0.445
0.342
2.15
3.22
NRLR561M200V30X25SF
30x25
0.445
0.342
2.15
3.22
NRLR681M200V22X40SF
680
22x40
0.366
0.282
2.48
3.72
NRLR681M200V25X30SF
25x30
0.366
0.282
2.48
3.72
NRLR681M200V30X25SF
30x25
0.366
0.282
2.48
3.72
NRLR821M200V22X45SF
820
22x45
0.304
0.234
2.81
4.21
NRLR821M200V25X35SF
25x35
0.304
0.234
2.79
4.18
NRLR821M200V30X30SF
30x30
0.304
0.234
2.75
4.12
NRLR102M200V22X50SF
1,000
22x50
0.249
0.192
3.28
4.92
NRLR102M200V25X40SF
25x40
0.249
0.192
3.28
4.92
NRLR102M200V30X35SF
30x35
0.249
0.192
3.15
4.72
NRLR122M200V25X45SF
1,200
25x45
0.208
0.160
3.61
5.41
NRLR122M200V30X35SF
30x35
0.208
0.160
3.61
5.41
NRLR122M200V35X30SF
35x30
0.208
0.160
3.57
5.35
NRLR152M200V30X45SF
1,500
30x45
0.166
0.128
4.13
6.19
NRLR152M200V35X35SF
35x35
0.166
0.128
4.06
6.09
NRLR182M200V30X50SF
1,800
30x50
0.139
0.107
4.60
6.90
NRLR182M200V35X40SF
35x40
0.139
0.107
4.59
6.88
NRLR222M200V35X45SF
2,200
35x45
0.114
0.087
5.25
7.87
NRLR221M220V20X25SF
220
220
20x25
1.131
0.870
1.23
1.84
NRLR271M220V20X30SF
270
20x30
0.922
0.709
1.46
2.19
NRLR271M220V22X25SF
22x25
0.922
0.709
1.42
2.13
NRLR331M220V20X35SF
330
20x35
0.754
0.580
1.64
2.46
NRLR331M220V22X30SF
22x30
0.754
0.580
1.59
2.38
NRLR391M220V20X35SF
390
20x35
0.638
0.491
1.79
2.68
NRLR391M220V22X30SF
22x30
0.638
0.491
1.80
2.70
NRLR391M220V25X25SF
25x25
0.638
0.491
1.75
2.62
NRLR471M220V20X40SF
470
20x40
0.530
0.408
2.12
3.18
NRLR471M220V22X35SF
22x35
0.530
0.408
2.06
3.09
NRLR471M220V25X30SF
25x30
0.530
0.408
2.08
3.12
NRLR561M220V22X40SF
560
22x40
0.445
0.342
2.22
3.33
NRLR561M220V25X35SF
25x35
0.445
0.342
2.38
3.57
NRLR561M220V30X25SF
30x25
0.445
0.342
2.18
3.27
NRLR681M220V22X45SF
680
22x45
0.366
0.282
2.62
3.93
NRLR681M220V25X35SF
25x35
0.366
0.282
2.56
3.84
NRLR681M220V30X30SF
30x30
0.366
0.282
2.52
3.78
220Vdc Continued on next page


Similar Part No. - NRLR821M180V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR822M100V20X25F NIC-NRLR822M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M100V20X30F NIC-NRLR822M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M100V22X25X30X40F NIC-NRLR822M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M100V35X30F NIC-NRLR822M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR822M10V20X25F NIC-NRLR822M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR821M180V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com