Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLPW181M420V25X30SF Datasheet(PDF) 8 Page - NIC-Components Corp.

Part # NRLPW181M420V25X30SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLPW181M420V25X30SF Datasheet(HTML) 8 Page - NIC-Components Corp.

Back Button NRLPW181M420V25X30SF Datasheet HTML 2Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 3Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 4Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 5Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 6Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 7Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 8Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 9Page - NIC-Components Corp. NRLPW181M420V25X30SF Datasheet HTML 10Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Voltage
(VDC)
Cap
(
μF)
Case Size
D x L (mm)
Dissipation
Factor
Max. Leakage
Current (
μA)
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K~50KHz
NRLPW561M400V30X50SF
400VDC
560
30X50
0.2
1419
0.593
0.457
1.9
2.66
NRLPW561M400V35X40SF
560
35X40
0.2
1419
0.593
0.457
1.9
2.66
NRLPW681M400V35X45SF
680
35X45
0.2
1564
0.488
0.376
2.12
2.96
NRLPW680M420V20X25SF
420VDC
68
20X25
0.2
506
4.877
3.752
0.5
0.7
NRLPW820M420V20X25SF
82
20X25
0.2
556
4.044
3.111
0.64
0.89
NRLPW820M420V22X25SF
82
22X25
0.2
556
4.044
3.111
0.64
0.89
NRLPW101M420V20X30SF
100
20X30
0.2
614
3.316
2.551
0.66
0.92
NRLPW101M420V22X25SF
100
22X25
0.2
614
3.316
2.551
0.66
0.92
NRLPW101M420V25X25SF
100
25X25
0.2
614
3.316
2.551
0.66
0.92
NRLPW121M420V20X35SF
120
20X35
0.2
673
2.764
2.127
0.81
1.13
NRLPW121M420V22X30SF
120
22X30
0.2
673
2.764
2.127
0.81
1.13
NRLPW121M420V25X25SF
120
25X25
0.2
673
2.764
2.127
0.81
1.13
NRLPW151M420V20X40SF
150
20X40
0.2
752
2.211
1.701
0.84
1.17
NRLPW151M420V22X35SF
150
22X35
0.2
752
2.211
1.701
0.84
1.17
NRLPW151M420V25X30SF
150
25X30
0.2
752
2.211
1.701
0.84
1.17
NRLPW151M420V30X25SF
150
30X25
0.2
752
2.211
1.701
0.84
1.17
NRLPW181M420V20X45SF
180
20X45
0.2
824
1.843
1.418
0.91
1.27
NRLPW181M420V22X40SF
180
22X40
0.2
824
1.843
1.418
0.91
1.27
NRLPW181M420V25X30SF
180
25X30
0.2
824
1.843
1.418
0.91
1.27
NRLPW181M420V30X25SF
180
30X25
0.2
824
1.843
1.418
0.91
1.27
NRLPW221M420V22X45SF
220
22X45
0.2
911
1.508
1.16
1.05
1.47
NRLPW221M420V25X35SF
220
25X35
0.2
911
1.508
1.16
1.05
1.47
NRLPW221M420V30X30SF
220
30X30
0.2
911
1.508
1.16
1.05
1.47
NRLPW221M420V35X25SF
220
35X25
0.2
911
1.508
1.16
1.05
1.47
NRLPW271M420V25X40SF
270
25X40
0.2
1010
1.229
0.946
1.25
1.75
NRLPW271M420V30X30SF
270
30X30
0.2
1010
1.229
0.946
1.25
1.75
NRLPW271M420V35X25SF
270
35X25
0.2
1010
1.229
0.946
1.25
1.75
NRLPW331M420V25X50SF
330
25X50
0.2
1116
1.005
0.774
1.42
1.98
NRLPW331M420V30X35SF
330
30X35
0.2
1116
1.005
0.774
1.42
1.98
NRLPW331M420V35X30SF
330
35X30
0.2
1116
1.005
0.774
1.42
1.98
NRLPW391M420V30X40SF
390
30X40
0.2
1214
0.851
0.655
1.61
2.25
NRLPW391M420V35X35SF
390
35X35
0.2
1214
0.851
0.655
1.61
2.25
NRLPW471M420V30X45SF
470
30X45
0.2
1332
0.706
0.544
1.86
2.6
NRLPW471M420V35X40SF
470
35X40
0.2
1332
0.706
0.544
1.86
2.6
NRLPW561M420V35X45SF
560
35X45
0.2
1454
0.593
0.457
2.1
2.94
NRLPW681M420V35X50SF
680
35X50
0.2
1603
0.488
0.376
2.2
3.08
NRLPW560M450V20X25SF
450VDC
56
20X25
0.2
476
5.921
4.555
0.44
0.61
NRLPW680M450V20X25SF
68
20X25
0.2
524
4.877
3.752
0.5
0.7
NRLPW680M450V22X25SF
68
22X25
0.2
524
4.877
3.752
0.5
0.7
NRLPW820M450V20X30SF
82
20X30
0.2
576
4.044
3.111
0.64
0.89
NRLPW820M450V22X25SF
82
22X25
0.2
576
4.044
3.111
0.64
0.89
NRLPW101M450V20X35SF
100
20X35
0.2
636
3.316
2.551
0.69
0.96
NRLPW101M450V22X30SF
100
22X30
0.2
636
3.316
2.551
0.69
0.96
NRLPW101M450V25X25SF
100
25X25
0.2
636
3.316
2.551
0.69
0.96
NRLPW121M450V20X35SF
120
20X35
0.2
697
2.764
2.127
0.72
1
Large Can Aluminum Electrolytic Capacitors
NRLPW Series


Similar Part No. - NRLPW181M420V25X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLPW182M100V22X40SF NIC-NRLPW182M100V22X40SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW182M100V30X25SF NIC-NRLPW182M100V30X25SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW182M160V30X40SF NIC-NRLPW182M160V30X40SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW182M160V35X35SF NIC-NRLPW182M160V35X35SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
NRLPW182M63V20X30SF NIC-NRLPW182M63V20X30SF Datasheet
362Kb / 10P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLPW181M420V25X30SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com