Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLR561M250V22X40SF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NRLR561M250V22X40SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR561M250V22X40SF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NRLR561M250V22X40SF Datasheet HTML 3Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 4Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 5Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 6Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 7Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 8Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 9Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 10Page - NIC-Components Corp. NRLR561M250V22X40SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR561M315V30X35SF
560
315
30x35
0.445
0.342
2.63
3.68
NRLR561M315V35X30SF
35x30
0.445
0.342
2.69
3.76
NRLR681M315V30X45SF
680
30x45
0.366
0.282
2.80
3.92
NRLR681M315V35X35SF
35x35
0.366
0.282
3.05
4.27
NRLR821M315V30X50SF
820
30x50
0.304
0.234
3.28
4.59
NRLR821M315V35X40SF
35x40
0.304
0.234
3.45
4.83
NRLR102M315V35X45SF
1,000
35x45
0.249
0.192
3.57
4.99
NRLR121M350V20X30SF
120
350
20x30
2.073
1.595
0.96
1.34
NRLR121M350V22X25SF
22x25
2.073
1.595
1.04
1.45
NRLR151M350V20X30SF
150
20x30
1.658
1.276
1.10
1.54
NRLR151M350V22X30SF
22x30
1.658
1.276
1.20
1.68
NRLR151M350V25X25SF
25x25
1.658
1.276
1.22
1.70
NRLR181M350V20X35SF
180
20x35
1.382
1.063
1.24
1.73
NRLR181M350V22X30SF
22x30
1.382
1.063
1.34
1.87
NRLR181M350V25X25SF
25x25
1.382
1.063
1.37
1.91
NRLR221M350V22X35SF
220
22x35
1.131
0.870
1.47
2.05
NRLR221M350V25X30SF
25x30
1.131
0.870
1.53
2.14
NRLR221M350V30X25SF
30x25
1.131
0.870
1.54
2.15
NRLR271M350V22X40SF
270
22x40
0.922
0.709
1.70
2.38
NRLR271M350V25X35SF
25x35
0.922
0.709
1.73
2.42
NRLR271M350V30X25SF
30x25
0.922
0.709
1.80
2.52
NRLR331M350V22X45SF
330
22x45
0.754
0.580
1.87
2.61
NRLR331M350V25X35SF
25x35
0.754
0.580
1.97
2.75
NRLR331M350V30X30SF
30x30
0.754
0.580
2.03
2.84
NRLR391M350V25X40SF
390
25x40
0.638
0.491
2.14
2.99
NRLR391M350V30X35SF
30x35
0.638
0.491
2.23
3.12
NRLR391M350V35X30SF
35x30
0.638
0.491
2.30
3.22
NRLR471M350V25X50SF
470
25x50
0.530
0.408
2.55
3.57
NRLR471M350V30X35SF
30x35
0.530
0.408
2.53
3.54
NRLR471M350V35X30SF
35x30
0.530
0.408
2.55
3.57
NRLR561M350V30X40SF
560
30x40
0.445
0.342
2.73
3.82
NRLR561M350V35X35SF
35x35
0.445
0.342
2.75
3.85
NRLR681M350V30X50SF
680
30x50
0.366
0.282
3.15
4.41
NRLR681M350V35X40SF
35x40
0.366
0.282
3.15
4.41
NRLR821M350V35X45SF
820
35x45
0.304
0.234
3.47
4.85
NRLR102M350V35X50SF
1,000
35x50
0.249
0.192
3.60
5.04
NRLR680M385V20X25SF
68
385
20x25
3.658
2.814
0.68
0.95
NRLR820M385V20X30SF
82
20x30
3.033
2.333
0.74
1.03
NRLR820M385V22X25SF
22x25
3.033
2.333
0.76
1.06
NRLR101M385V20X30SF
100
20x30
2.487
1.913
0.86
1.2
NRLR101M385V22X30SF
22x30
2.487
1.913
0.89
1.24
NRLR121M385V20X35SF
120
20x35
2.073
1.595
0.96
1.34
NRLR121M385V22X30SF
22x30
2.073
1.595
0.98
1.37
NRLR121M385V25X25SF
25x25
2.073
1.595
1.02
1.42
NRLR151M385V20X35SF
150
20x35
1.658
1.276
1.10
1.54
NRLR151M385V22X35SF
22x35
1.658
1.276
1.12
1.56
NRLR151M385V25X30SF
25x30
1.658
1.276
1.14
1.59
NRLR181M385V20X40SF
180
20x40
1.382
1.063
1.27
1.77
NRLR181M385V22X35SF
22x35
1.382
1.063
1.27
1.77
NRLR181M385V25X30SF
25x30
1.382
1.063
1.30
1.82
NRLR181M385V30X25SF
30x25
1.382
1.063
1.37
1.91
NRLR221M385V22X40SF
220
22x40
1.131
0.870
1.42
1.98
NRLR221M385V25X35SF
25x35
1.131
0.870
1.48
2.07
NRLR221M385V30X30SF
30x30
1.131
0.870
1.49
2.08
NRLR271M385V22X50SF
270
22x50
0.922
0.709
1.60
2.24
NRLR271M385V25X40SF
25x40
0.922
0.709
1.61
2.25
NRLR271M385V30X30SF
30x30
0.922
0.709
1.64
2.29
385Vdc Continued on next page
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS


Similar Part No. - NRLR561M250V22X40SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR562M100V20X25F NIC-NRLR562M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M100V20X30F NIC-NRLR562M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M100V22X25X30X40F NIC-NRLR562M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M100V35X30F NIC-NRLR562M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M10V20X25F NIC-NRLR562M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR561M250V22X40SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com