Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLR561M250V25X35SF Datasheet(PDF) 11 Page - NIC-Components Corp.

Part # NRLR561M250V25X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR561M250V25X35SF Datasheet(HTML) 11 Page - NIC-Components Corp.

Back Button NRLR561M250V25X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 9Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 10Page - NIC-Components Corp. NRLR561M250V25X35SF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR221M420V22X45SF
220
420
22x45
1.884
1.450
1.55
2.17
NRLR221M420V25X35SF
25x35
1.884
1.450
1.58
2.21
NRLR221M420V30X30SF
30x30
1.884
1.450
1.65
2.31
NRLR271M420V25X40SF
270
25x40
1.536
1.181
1.74
2.43
NRLR271M420V30X35SF
30x35
1.536
1.181
1.90
2.66
NRLR271M420V35X30SF
35x30
1.536
1.181
1.94
2.71
NRLR331M420V25X50SF
330
25x50
1.256
0.967
2.20
3.08
NRLR331M420V30X35SF
30x35
1.256
0.967
1.98
2.77
NRLR331M420V35X35SF
35x35
1.256
0.967
2.17
3.03
NRLR391M420V30X40SF
390
30x40
1.063
0.818
2.22
3.10
NRLR391M420V35X35SF
35x35
1.063
0.818
2.27
3.17
NRLR471M420V30X45SF
470
30x45
0.882
0.679
2.50
3.50
NRLR471M420V35X40SF
35x40
0.882
0.679
2.61
3.65
NRLR561M420V35X45SF
560
35x45
0.741
0.570
2.95
4.13
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLR560M450V20X25SF
56
450
20x25
7.402
5.694
0.61
0.85
NRLR680M450V20X30SF
68
20x30
6.096
4.689
0.70
0.98
NRLR680M450V22X25SF
22x25
6.096
4.689
0.71
0.99
NRLR820M450V20X35SF
82
20x35
5.055
3.889
0.80
1.12
NRLR820M450V22X25SF
22x25
5.055
3.889
0.86
1.20
NRLR101M450V20X35SF
100
20x35
4.145
3.189
0.88
1.23
NRLR101M450V22X30SF
22x30
4.145
3.189
0.95
1.33
NRLR101M450V25X25SF
25x25
4.145
3.189
0.97
1.35
NRLR121M450V20X40SF
120
20x40
3.454
2.657
0.99
1.38
NRLR121M450V22X35SF
22x35
3.454
2.657
1.07
1.49
NRLR121M450V25X30SF
25x30
3.454
2.657
1.09
1.52
NRLR121M450V30X25SF
30x25
3.454
2.657
1.12
1.56
NRLR151M450V22X40SF
150
22x40
2.764
2.126
1.18
1.65
NRLR151M450V25X30SF
25x30
2.764
2.126
1.25
1.75
NRLR151M450V30X25SF
30x25
2.764
2.126
1.29
1.80
NRLR181M450V22X45SF
180
22x45
2.303
1.772
1.32
1.84
NRLR181M450V25X35SF
25x35
2.303
1.772
1.40
1.96
NRLR181M450V30X30SF
30x30
2.303
1.772
1.45
2.03
NRLR221M450V25X40SF
220
25x40
1.884
1.450
1.59
2.22
NRLR221M450V30X30SF
30x30
1.884
1.450
1.64
2.29
NRLR221M450V35X30SF
35x30
1.884
1.450
1.66
2.32
NRLR271M450V25X45SF
270
25x45
1.536
1.181
1.73
2.42
NRLR271M450V30X35SF
30x35
1.536
1.181
1.89
2.64
NRLR271M450V35X30SF
35x30
1.536
1.181
1.90
2.66
NRLR331M450V25X50SF
330
25x50
1.256
0.967
2.12
2.96
NRLR331M450V30X40SF
30x40
1.256
0.967
2.12
2.96
NRLR331M450V35X35SF
35x35
1.256
0.967
2.15
3.01
NRLR391M450V30X45SF
390
30x45
1.063
0.818
2.35
3.29
NRLR391M450V35X40SF
35x40
1.063
0.818
2.38
3.33
NRLR471M450V30X50SF
470
30x50
0.882
0.679
2.65
3.71
NRLR471M450V35X45SF
35x45
0.882
0.679
2.68
3.75
NRLR561M450V35X50SF
560
35x50
0.741
0.570
2.88
4.03
Terminal Length
A
B
C
D
E
S = 4.0
2.0 max.
0.9 ± 0.1
1.5 ± 0.1
1.5 ± 0.3 4.0 ± 0.50
L = 6.0
2.7 ± 0.3 6.0 ± 1.00
TERMINAL DIMENSIONS (mm)
Sleeve Color:
Dark Blue
Polarity Marking
Insulation Sleeve
4.0mm - Standard Lead Length
6.0mm - Optional Lead Length
L
± 2.0 Max.
Can Top Vent
S
1
∅D ± 1.0
Top of Spin
C
D
B
A
Terminal Thickness is 0.8mm
S
2
PCB Holes
S1 = Terminal Spacing10mm ref.
S2 = PCB Hole Spacing10mm ± 0.1mm
E


Similar Part No. - NRLR561M250V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR562M100V20X25F NIC-NRLR562M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M100V20X30F NIC-NRLR562M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M100V22X25X30X40F NIC-NRLR562M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M100V35X30F NIC-NRLR562M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR562M10V20X25F NIC-NRLR562M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR561M250V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com