Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLR471M315V25X50SF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NRLR471M315V25X50SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLR471M315V25X50SF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NRLR471M315V25X50SF Datasheet HTML 1Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 2Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 3Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 4Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 5Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 6Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 7Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 8Page - NIC-Components Corp. NRLR471M315V25X50SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLR Series
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
Part Number
Cap (
μF)
W.V.
Case Size
ESR (
Ω @ 20°C)
Max. Ripple Current
(Arms@85°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLR102M80V20X25SF
1,000
80
20x25
0.415
0.319
1.56
1.79
NRLR122M80V20X30SF
1,200
20x30
0.346
0.266
1.80
2.07
NRLR122M80V22X25SF
22x25
0.346
0.266
1.80
2.07
NRLR152M80V20X30SF
1,500
20x30
0.277
0.213
2.10
2.41
NRLR152M80V22X30SF
22x30
0.277
0.213
2.10
2.41
NRLR182M80V20X35SF
1,800
20x35
0.231
0.178
2.30
2.64
NRLR182M80V22X30SF
22x30
0.231
0.178
2.30
2.64
NRLR182M80V25X25SF
25x25
0.231
0.178
2.30
2.64
NRLR222M80V20X40SF
2,200
20x40
0.189
0.145
2.53
2.90
NRLR222M80V22X35SF
22x35
0.189
0.145
2.53
2.90
NRLR222M80V25X30SF
25x30
0.189
0.145
2.53
2.90
NRLR272M80V22X40SF
2,700
22x40
0.154
0.119
2.93
3.36
NRLR272M80V25X35SF
25x35
0.154
0.119
2.93
3.36
NRLR272M80V30X25SF
30x25
0.154
0.119
2.93
3.36
NRLR332M80V22X45SF
3,300
22x45
0.126
0.097
3.25
3.73
NRLR332M80V25X35SF
25x35
0.126
0.097
3.25
3.73
NRLR332M80V30X30SF
30x30
0.126
0.097
3.25
3.73
NRLR392M80V25X40SF
3,900
25x40
0.107
0.082
3.62
4.16
NRLR392M80V30X40SF
30x35
0.107
0.082
3.62
4.16
NRLR472M80V25X45SF
4,700
25x45
0.089
0.068
4.28
4.92
NRLR472M80V30X40SF
30x40
0.089
0.068
4.28
4.92
NRLR472M80V35X30SF
35x30
0.089
0.068
4.28
4.92
NRLR562M80V30X45SF
5,600
30x45
0.075
0.057
4.55
5.23
NRLR562M80V35X35SF
35x35
0.075
0.057
4.55
5.23
NRLR682M80V30X45SF
6,800
30x45
0.061
0.047
5.83
6.70
NRLR682M80V35X40SF
35x40
0.061
0.047
5.83
6.70
NRLR822M80V35X45SF
8,200
35x45
0.061
0.047
5.83
6.70
NRLR103M80V35X50SF
10,000
35x50
0.042
0.032
7.03
8.08
NRLR681M100V20X25SF
680
100
20x25
0.488
0.376
1.66
1.90
NRLR821M100V20X30SF
820
20x30
0.405
0.312
1.86
2.13
NRLR821M100V22X25SF
22x25
0.405
0.312
1.86
2.13
NRLR102M100V20X30SF
1,000
20x30
0.332
0.256
2.02
2.32
NRLR102M100V22X30SF
22x30
0.332
0.256
2.02
2.32
NRLR122M100V20X35SF
1,200
20x35
0.277
0.213
2.12
2.43
NRLR122M100V22X30SF
22x30
0.277
0.213
2.12
2.43
NRLR122M100V25X25SF
25x25
0.277
0.213
2.12
2.43
NRLR152M100V20X40SF
1,500
20x40
0.222
0.171
2.45
2.81
NRLR152M100V22X35SF
22x35
0.222
0.171
2.45
2.81
NRLR152M100V25X30SF
25x30
0.222
0.171
2.45
2.81
NRLR182M100V22X40SF
1,800
22x40
0.185
0.142
2.77
3.18
NRLR182M100V25X30SF
25x30
0.185
0.142
2.77
3.18
NRLR182M100V30X25SF
30x25
0.185
0.142
2.77
3.18
NRLR222M100V22X45SF
2,200
22x45
0.151
0.116
3.12
3.58
NRLR222M100V25X35SF
25x35
0.151
0.116
3.12
3.58
NRLR222M100V30X30SF
30x30
0.151
0.116
3.12
3.58
NRLR272M100V25X40SF
2,700
25x40
0.123
0.095
3.61
4.15
NRLR272M100V30X30SF
30x30
0.123
0.095
3.61
4.15
NRLR332M100V25X50SF
3,300
25x50
0.101
0.078
4.06
4.66
NRLR332M100V30X35SF
30x35
0.101
0.078
4.06
4.66
NRLR332M100V35X30SF
35x30
0.101
0.078
4.06
4.66
NRLR392M100V30X40SF
3,900
30x40
0.086
0.066
4.60
5.29
NRLR392M100V35X35SF
35x35
0.086
0.066
4.60
5.29
NRLR472M100V30X45SF
4,700
30x45
0.071
0.055
5.13
5.89
NRLR472M100V35X40SF
35x40
0.071
0.055
5.13
5.89
NRLR562M100V35X45SF
5,600
35x45
0.06
0.046
5.75
6.61
NRLR682M100V35X50SF
6,800
35x50
0.049
0.038
6.01
6.91


Similar Part No. - NRLR471M315V25X50SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLR473M100V20X25F NIC-NRLR473M100V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M100V20X30F NIC-NRLR473M100V20X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M100V22X25X30X40F NIC-NRLR473M100V22X25X30X40F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M100V35X30F NIC-NRLR473M100V35X30F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLR473M10V20X25F NIC-NRLR473M10V20X25F Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLR471M315V25X50SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com