Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRLRW271M315V25X35SF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NRLRW271M315V25X35SF
Description  Large Can Aluminum Electrolytic Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRLRW271M315V25X35SF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NRLRW271M315V25X35SF Datasheet HTML 1Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 2Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 3Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 4Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 5Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 6Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 7Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 8Page - NIC-Components Corp. NRLRW271M315V25X35SF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Large Can Aluminum Electrolytic Capacitors
NRLRW Series
Part Number
Cap.
(
μF)
W.V.
(Vdc)
Case Size
DxL (mm)
ESR (
Ω@20°C
Max. Ripple Current
(Arms @ 105°C)
120Hz
20KHz
120Hz
10K ~ 50KHz
NRLRW472M25V20X25SF
4,700
25
20x25
0.159
0.123
1.65
1.89
NRLRW562M25V20X30SF
5,600
20x30
0.134
0.103
1.85
2.12
NRLRW562M25V22X25SF
22x25
0.134
0.103
1.85
2.12
NRLRW682M25V20X35SF
6,800
20x35
0.110
0.085
2.11
2.42
NRLRW682M25V22X30SF
22x30
0.110
0.085
2.11
2.42
NRLRW822M25V20X40SF
8,200
20x40
0.091
0.070
2.34
2.69
NRLRW822M25V22X30SF
22x30
0.091
0.070
2.34
2.69
NRLRW822M25V25X25SF
25x25
0.091
0.070
2.34
2.69
NRLRW103M25V22X35SF
10,000
22x35
0.075
0.058
2.65
3.04
NRLRW103M25V25X30SF
25x30
0.075
0.058
2.65
3.04
NRLRW123M25V22X40SF
12,000
22x40
0.063
0.048
2.81
3.23
NRLRW123M25V25X30SF
25x30
0.063
0.048
2.81
3.23
NRLRW123M25V30X25SF
30x25
0.063
0.048
2.81
3.23
NRLRW153M25V22X45SF
15,000
22x45
0.050
0.039
3.13
3.59
NRLRW153M25V25X35SF
25x35
0.050
0.039
3.13
3.59
NRLRW153M25V30X30SF
30x30
0.050
0.039
3.13
3.59
NRLRW183M25V25X40SF
18,000
25x40
0.042
0.032
3.56
4.09
NRLRW183M25V30X30SF
30x30
0.042
0.032
3.56
4.09
NRLRW223M25V25X50SF
22,000
25x50
0.034
0.027
4.04
4.64
NRLRW223M25V30X35SF
30x35
0.034
0.027
4.04
4.64
NRLRW223M25V35X30SF
35x30
0.034
0.027
4.04
4.64
NRLRW273M25V30X40SF
27,000
30x40
0.028
0.022
4.74
5.45
NRLRW273M25V35X35SF
35x35
0.028
0.022
4.74
5.45
NRLRW333M25V30X50SF
33,000
30x50
0.023
0.018
5.50
6.32
NRLRW333M25V35X40SF
35x40
0.023
0.018
5.50
6.32
NRLRW393M25V35X45SF
39,000
35x45
0.020
0.015
5.80
6.67
NRLRW473M25V35X50SF
47,000
35x50
0.016
0.013
6.30
7.24
STANDARD PRODUCT LIST, CASE SIZE AND SPECIFICATIONS
NRLRW272M35V20X25SF
2,700
35
20x25
0.246
0.189
1.29
1.48
NRLRW332M35V20X30SF
3,300
20x30
0.201
0.155
1.57
1.80
NRLRW392M35V20X30SF
3,900
20x30
0.171
0.131
1.78
2.04
NRLRW392M35V22X25SF
22x25
0.171
0.131
1.78
2.04
NRLRW472M35V20X35SF
4,700
20x35
0.142
0.109
2.02
2.32
NRLRW472M35V22X30SF
22x30
0.142
0.109
2.02
2.32
NRLRW562M35V20X40SF
5,600
20x40
0.119
0.092
2.13
2.44
NRLRW562M35V22X35SF
22x35
0.119
0.092
2.13
2.44
NRLRW562M35V20X25SF
25x25
0.119
0.092
2.13
2.44
NRLRW682M35V22X40SF
6,800
22x40
0.098
0.076
2.41
2.77
NRLRW682M35V25X30SF
25x30
0.098
0.076
2.41
2.77
NRLRW822M35V22X45SF
8,200
22x45
0.081
0.063
2.85
3.27
NRLRW822M35V25X35SF
25x35
0.081
0.063
2.85
3.27
NRLRW822M35V30X25SF
30x25
0.081
0.063
2.85
3.27
NRLRW103M35V22X50SF
10,000
22x50
0.067
0.052
3.05
3.50
NRLRW103M35V25X40SF
25x40
0.067
0.052
3.05
3.50
NRLRW103M35V30X30SF
30x30
0.067
0.052
3.05
3.50
NRLRW123M35V25X45SF
12,000
25x45
0.056
0.043
3.37
3.87
NRLRW123M35V30X35SF
30x35
0.056
0.043
3.37
3.87
NRLRW123M35V35X30SF
35x30
0.056
0.043
3.37
3.87
NRLRW153M35V25X50SF
15,000
25x50
0.045
0.035
3.72
4.27
NRLRW153M35V30X40SF
30x40
0.045
0.035
3.72
4.27
NRLRW153M35V35X35SF
35x35
0.045
0.035
3.72
4.27
NRLRW183M35V30X45SF
18,000
30x45
0.037
0.029
4.37
5.02
NRLRW183M35V35X35SF
35x35
0.037
0.029
4.37
5.02
NRLRW223M35V30X50SF
22,000
30x50
0.031
0.024
4.92
5.65
NRLRW223M35V35X40SF
35x40
0.031
0.024
4.92
5.65
NRLRW273M35V35X50SF
27,000
35x50
0.025
0.019
5.30
6.09


Similar Part No. - NRLRW271M315V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLRW273M100V20X25F NIC-NRLRW273M100V20X25F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M100V20X30F NIC-NRLRW273M100V20X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M100V22X25X30X40F NIC-NRLRW273M100V22X25X30X40F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M100V35X30F NIC-NRLRW273M100V35X30F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW273M10V20X25F NIC-NRLRW273M10V20X25F Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
More results

Similar Description - NRLRW271M315V25X35SF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com