Electronic Components Datasheet Search |
|
5558341-1 Datasheet(PDF) 2 Page - Tyco Electronics |
|
5558341-1 Datasheet(HTML) 2 Page - Tyco Electronics |
2 / 7 page 10 Catalog 82066 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 11-07 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 Single Port Modular Jacks (Continued) Modular Jacks and MRJ21 Product Note: All part numbers are RoHS compliant. Side Entry (RA), Thru-Hole .820 [20.83] .635 [16.13] .445 [11.31] Panel Stop .635 [16.13] .820 [20.83] .525 [13.34] Offset Latch .820 [20.83] .605 [15.37] .635 [16.13] 4-Position 6-Position 8-Position Part Positions/ LEDs Shielded Performance Panel Inverted Ground Number Contacts Stops Options 215875-1 4/4 Without No Cat 3 Without No Without 2-215875-1 4/4 Without No Cat 3 Without No Without 5520249-2 4/4 Without No Cat 3 With No Without 215876-2 6/4 Without No Cat 3 Without No Without 5555140-2 6/4 Without Yes Cat 3 With No Panel and PCB 5555163-2 6/4 Without No Cat 3 With No Without 1-215876-3 6/6 Without No Cat 3 Without No Without 215876-1 6/6 Without No Cat 3 N/A No Without 5520250-3 6/6 Without No Cat 3 With No Without 5555003-1 6/6 Without No Cat 3 With No Without 5555140-1 6/6 Without Yes Cat 3 With No Panel and PCB 5555154-1 6/6 Without Yes Cat 3 With No PCB Ground 5555163-1 6/6 Without No Cat 3 With No Without 5555165-1 6/6 Without No Cat 3 Without No Without 106066-2 8/8 Without Yes Cat 3 Without No Panel and PCB 1116062-2 8/8 Without Yes Cat 5 Without No Panel and PCB 1116503-2 8/8 Without Yes Cat 5 Without No PCB Ground 6116526-1 8/8 Without Yes Cat 5 Without No PCB Ground 1-215877-3 8/8 Without No Cat 3 Without No Without Note: Consult Tyco Electronics Sales Representative for additional Part Numbers and features differences (tail length, LED color, IRR, etc.) Low Profile, Face Shield .630 [16.00] .725 [18.42] .500 [12.70] .725 [18.42] .550 [13.97] .500 [12.70] 6-Position 8-Position Panel Grounds PCB Ground Part Positions/ LEDs Shielded Performance Panel Inverted Ground Number Contacts Stops Options 5555162-1 8/8 Without No Cat 3 With No Without 5555164-1 8/8 Without No Cat 3 Without No Without 1-5406299-1 8/8 Without Yes Cat 5 Without No Panel and PCB 1-1734264-1 8/8 Without Yes Cat 3 Without No Panel and PCB 1734579-1 8/8 Without Yes Cat 3 Without No PCB Ground 215877-1 8/8 Without No Cat 3 Without No Without 2-215877-1 8/8 Without No Cat 3 Without No Without 2-215878-1 8/8 Without No Cat 3 Without No Without 2-5338556-1 8/8 Without Yes Cat 3 Without No Panel and PCB 3-5338556-1 8/8 Without Yes Cat 3 Without No Panel and PCB 5406217-1 8/8 Without Yes Cat 5 Without No Panel and PCB 5406296-1 8/8 Without Yes Cat 5 Without No Panel and PCB Note: Consult Tyco Electronics Sales Representative for additional Part Numbers and features differences (tail length, LED color, IRR, etc.) |
Similar Part No. - 5558341-1 |
|
Similar Description - 5558341-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |