Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCM30 Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NCM30
Description  Conformally Coated, Radial Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCM30 Datasheet(HTML) 1 Page - NIC-Components Corp.

  NCM30 Datasheet HTML 1Page - NIC-Components Corp. NCM30 Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Specifications are subject to change
Conformally Coated, Radial Multilayer Ceramic Capacitors
FEATURES
• FLAME RETARDANT EPOXY COATING
• TEMPERATURE COEFFICIENTS NPO, X7R, Z5U
• AVAILABLE ON TAPE AND REEL
SPECIFICATIONS
PART NUMBER SYSTEM
NCM Series
Characteristics
NPO
X7R
Z5U
Capacitance Range*
1pF ~ 0.1μF
470pF ~ 4.7μF
1000pF ~ 4.7μF
Capacitance Tolerance (Code)
±1%(F), ±2%(G), ±5%(J)
±5%(J), ±10%(K), ±20%(M)
±20%(M), +80%/-20%(Z)
Operating Temperature Range
-55°C to +125°C
-55°C to +125°C
+10°C to +85°C
Temperature Characterisitcs
0±30ppm/°C
±15% (0 Vdc)
+22%/-56%
Voltage Rating
50, 100 & 200 Vdc
50 & 100 Vdc
50 & 100 Vdc
Dissipation Factor
0.15% Max. (+25°C and +125°C)
for values greater than 30 pF.
For values of 30pF and below:
Q = 20 x C +400 1.0Vrms
1MHz for values < 1000pF
1KHz for values > 1000pF
2.5% Max. at 1KHz, 1Vrms Max.
4.0% Max. at 1KHz, 5Vrms Max.
Insulation Resistance 25°C
(Mil- STD-202, Method 302)
100K Megohms or
1000 Megohm -μF Min.,
Whichever is Less
100K Megohms or
1000 Megohm -μF Min.,
Whichever is Less
10K Megohms or
100 Megohm -μF Min.,
Whichever is Less
Dielectric Strength
250% of Rated Voltage
250% of Rated Voltage
200% of Rated Voltage
Life Test (1000 hours)
200% of Rated Voltage at +125°C 200% of Rated Voltage at +125°C 150% of Rated Voltage at +85°C
Tape and Reel
104 M 50 TR
Capacitance code, expressed in pF,
first two digits are significant, third digit is no. of zeros. “R” indicates
decimal for under 10pF
Tolerance Code (see specifications table below)
Voltage
Z5U
Temperature Coefficient
NCM20
Series, Size Code
F
RoHS Compliant
*See Part Number System for Details


Similar Part No. - NCM30

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
NCM-1 GAMEWELL-FCI-NCM-1 Datasheet
40Kb / 1P
   Noise Control Module
logo
Tripp Lite. All Rights ...
NCM-JHC08-25 TRIPPLITE-NCM-JHC08-25 Datasheet
156Kb / 2P
   J-Hook Cable Support - 3/4?? Batwing, Galvanized Steel, 25 Pack
NCM-JHC13-25 TRIPPLITE-NCM-JHC13-25 Datasheet
158Kb / 2P
   J-Hook Cable Support - 1-5/16?? Batwing, Galvanized Steel, 25 Pack
NCM-JHC20-25 TRIPPLITE-NCM-JHC20-25 Datasheet
158Kb / 2P
   J-Hook Cable Support - 2?? Batwing, Galvanized Steel, 25 Pack
NCM-JHW08-25 TRIPPLITE-NCM-JHW08-25 Datasheet
157Kb / 2P
   J-Hook Cable Support - 3/4?? Wall Mount, Galvanized Steel, 25 Pack
More results

Similar Description - NCM30

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
M15 CDE-M15 Datasheet
157Kb / 6P
   Conformally coated, radial leaded
logo
AVX Corporation
SR215C683KAA AVX-SR215C683KAA Datasheet
177Kb / 4P
   Conformally Coated Radial Leaded MLC
logo
RENCO ELECTRONICS, INC.
RL-1505 RENCO-RL-1505 Datasheet
177Kb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1507 RENCO-RL-1507 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
logo
List of Unclassifed Man...
FLA ETC-FLA Datasheet
50Kb / 2P
   Precision Resistor (Conformally Coated)
logo
Kemet Corporation
SBCP-47HY150HB KEMET-SBCP-47HY150HB Datasheet
366Kb / 6P
   Conformally Coated SBCP Coils
SBC1-101-571 KEMET-SBC1-101-571 Datasheet
509Kb / 12P
   Conformally Coated SBC Coils
logo
Cornell Dubilier Electr...
P10 CDE-P10 Datasheet
189Kb / 4P
   Conformally coated, axial leaded
logo
RENCO ELECTRONICS, INC.
RL-1506 RENCO-RL-1506 Datasheet
1Mb / 3P
   MINI-INDUCTORS CONFORMALLY COATED
RL-1508 RENCO-RL-1508 Datasheet
1Mb / 2P
   MINI-INDUCTORS CONFORMALLY COATED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com