Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCMA30 Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCMA30
Description  Axial Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCMA30 Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCMA30 Datasheet HTML 1Page - NIC-Components Corp. NCMA30 Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
70
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
LEADER TAPE:
300mm min.
SPLICING TAPE:
Tape Only
MISSING PARTS:
0.25% of component count max.
No consecutive missing parts
Conformally Coated, Axial Multilayer Ceramic Capacitors
NCMA Series
DIMENSIONS (mm)
TAPE AND REEL
CLASS 1
RS-296
REEL QUANTITIES
NCMA 10
7500 pcs
NCMA 11
5000 pcs
NCMA 20
5000 pcs
NCMA 30
5000 pcs
NCMA 40
5000 pcs
L max.
D max.
.483
± .05mm
Lead Length
Min 25.4
E
B
A
F
C
D1
D2
*ALSO AVAILABLE IN 26.0mm
–0mm
+1.5mm
Optional
Design
H
I
G
K
J
Type
D
Diameter
L
Length
NCMA10
2.54
4.32
NCMA11
3.50
4.32
NCMA20
2.54
6.80
NCMA30
3.81
7.37
NCMA40
3.81
10.16
A
5mm ± 0.5mm
B*
52.4mm ± 1.5mm
C
6.35mm ± 0.4mm
E
1.2mm
F
1.6mm
G
356mm
H
76mm
I
25.4mm
J
84mm
K
70mm


Similar Part No. - NCMA30

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCM NIC-NCM Datasheet
83Kb / 2P
   Conformally Coated, Radial Multilayer Ceramic Capacitors
logo
Gamewell-FCI by Honeywe...
NCM-1 GAMEWELL-FCI-NCM-1 Datasheet
40Kb / 1P
   Noise Control Module
logo
Tripp Lite. All Rights ...
NCM-JHC08-25 TRIPPLITE-NCM-JHC08-25 Datasheet
156Kb / 2P
   J-Hook Cable Support - 3/4?? Batwing, Galvanized Steel, 25 Pack
NCM-JHC13-25 TRIPPLITE-NCM-JHC13-25 Datasheet
158Kb / 2P
   J-Hook Cable Support - 1-5/16?? Batwing, Galvanized Steel, 25 Pack
NCM-JHC20-25 TRIPPLITE-NCM-JHC20-25 Datasheet
158Kb / 2P
   J-Hook Cable Support - 2?? Batwing, Galvanized Steel, 25 Pack
More results

Similar Description - NCMA30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C105K3R5TA9170 KEMET-C410C105K3R5TA9170 Datasheet
2Mb / 12P
   Axial Leaded Multilayer Ceramic Capacitors
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200 Datasheet
2Mb / 15P
   Axial Leaded Multilayer Ceramic Capacitors
C322C104K5R5TA7301 KEMET-C322C104K5R5TA7301 Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C317C104M5U5TA KEMET-C317C104M5U5TA Datasheet
234Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C333C105M5U5TA KEMET-C333C105M5U5TA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C322C222J1G5CA KEMET-C322C222J1G5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C340C104K2R5CA KEMET-C340C104K2R5CA Datasheet
900Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C315C109D1G5TA KEMET-C315C109D1G5TA Datasheet
233Kb / 11P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C315C103K5R5CA KEMET-C315C103K5R5CA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
C320C103K1R5TA KEMET-C320C103K1R5TA Datasheet
971Kb / 16P
   MULTILAYER CERAMIC CAPACITORS/AXIAL & RADIAL LEADED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com