Electronic Components Datasheet Search
Selected language     English  ā–¼


2-100860-1 Datasheet(PDF) 4 Page - Tyco Electronics

Part No. 2-100860-1
Description  Single Port Modular Jacks
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 4 page
background image
12
Catalog 82066
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 11-07
millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are metric equivalents.
to change.
C. America: 52-55-1106-0803
UK: 44-8706-080-208
Single Port Modular Jacks (Continued)
Modular Jacks and MRJ21 Product
Note: All part numbers are RoHS compliant.
Side Entry (RA),
Surface Mount
Top Entry, Thru-Hole
Part
Positions/
LEDs
Shielded
Performance
Panel
Inverted
Ground
Number
Contacts
Stops
Options
6339212-1
6/6
Without
Yes
Cat 3
Without
Yes
Panel and PCB
5406514-2
6/6
Without
No
Cat 3
Without
Yes
Without
5555077-1
6/6
Without
No
Cat 3
With
No
Without
6339160-1
8/8
Without
Yes
Cat 3
Without
Yes
Panel and PCB
5406721-1
8/8
Without
No
Cat 3
With
Yes
Without
5406721-2
8/8
Without
No
Cat 3
With
Yes
Without
5558178-1
8/8
Without
Yes
Cat 3
With
No
PCB Ground
Note: Consult Tyco Electronics Sales Representative for additional Part Numbers and features differences
(tail length, LED color, IRR, etc.)
Part
Positions/
LEDs
Shielded
Performance
Panel
Inverted
Ground
Number
Contacts
Stops
Options
5520257-2
4/4
Without
No
Cat 3
With
No
Without
5406010-2
6/2
Without
No
Cat 3
Without
No
Without
5520258-2
6/4
Without
No
Cat 3
With
No
Without
Note: Consult Tyco Electronics Sales Representative for additional Part Numbers and features differences
(tail length, LED color, IRR, etc.)
.660
[16.77]
.650
[16.51]
.660
[16.77]
.715
[18.15]
.377
[9.58]
.590
[15.00]
1339212-1
Shielded 557484-1
1339212-1




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl