Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEZHL473Z55V135X95F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NEZHL473Z55V135X95F
Description  Memory Back-Up Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NEZHL473Z55V135X95F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NEZHL473Z55V135X95F Datasheet HTML 1Page - NIC-Components Corp. NEZHL473Z55V135X95F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Memory Back-Up Capacitors
NEZHL Series
NIC P/N
Case Size
(mm)
Capacitance
(F)
Holding Voltage
(VDC min.)*
Max. Leakage Current
@ minutes (
μA)
Max. ESR @
1KHz (
Ω)
NEZHL473Z5.5V13.5X9.5F
13.5X9.5
0.047
4.0
69 @ 30 minutes
40
NEZHL104Z5.5V13.5X9.5F
13.5X9.5
0.1
4.0
100 @ 30 minutes
40
NEZHL224Z5.5V13.5X9.5F
13.5X9.5
0.22
4.0
135 @ 30 minutes
40
NEZHL474Z5.5V21.5X9.5F
21.5X9.5
0.47
4.0
216 @ 30 minutes
20
NEZHL105Z5.5V21.5X9.5F
21.5X9.5
1.0
4.0
315 @ 30 minutes
20
Rated Voltage Range
5.5VDC
Rated Capacitance Range
0.047F ~ 1.0F (47,000
μF ~ 1,000,000μF)
Operating Temp. Range
-40°C ~ +85°C
Capacitance Tolerance
+80%/-20% (Z)
Load Life Test @ 85°C
1,000 hours
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
Temperature Characteristics
-40°C & +85°C
Δ Capacitance Change
Within ±30% of 20°C value
Maximum ESR
@ -40°C x7, @ +85°C x5 of 20°C value
Shelf Life @ +85°C
(1,000 hours)
Δ Capacitance Change
Less than ±30% of initial measured value
Maximum ESR
Less than 400% of the specified maximum value
FEATURES
• DOUBLE LAYER CAPACITOR
• WIDE TEMPERATURE (-40°C~ +85°C)
• SUITABLE FOR FLOW SOLDERING
• LEAD-FREE FINISH
STANDARD VALUES AND SPECIFICATIONS
CHARACTERISTICS
RoHS
Compliant
includes all homogeneous materials
Super Capacitor
Super Capacitor
Application Guide
Application Guide
PRECAUTIONS
WASHING is NOT RECOMMENDED. Additional guidelines and precautions
can be found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
*Minimum voltage at 24 hours after charging for 1 hour at 5VDC.
NEZHL 105 Z 5.5V 21.5X9.5 F
RoHS Compliant
Case Size (mm)
Working Voltage
Tolerance Code Z = +80%/-20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros
Series
PART NUMBER SYSTEM


Similar Part No. - NEZHL473Z55V135X95F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEZH NIC-NEZH Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZH104Z55V135X95F NIC-NEZH104Z55V135X95F Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZH105Z55V215X95F NIC-NEZH105Z55V215X95F Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZH224Z55V135X95F NIC-NEZH224Z55V135X95F Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZH473Z55V135X95F NIC-NEZH473Z55V135X95F Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
More results

Similar Description - NEZHL473Z55V135X95F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXS NIC-NEXS Datasheet
116Kb / 1P
   Memory Back-Up Capacitors
NEXA NIC-NEXA Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
   Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
   Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
   Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
   Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
   Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
   Memory Back-Up Capacitors
NEZX NIC-NEZX Datasheet
139Kb / 3P
   Memory Back-Up Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com