Electronic Components Datasheet Search |
|
NRLRW471M450V35X50SF Datasheet(PDF) 1 Page - NIC-Components Corp. |
|
NRLRW471M450V35X50SF Datasheet(HTML) 1 Page - NIC-Components Corp. |
1 / 11 page 1 NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com SPECIFICATIONS ARE SUBJECT TO CHANGE Operating Temperature Range -40 ~ +105°C -25 ~ +105°C Rated Voltage Range 10 ~ 100Vdc 160 ~ 450Vdc Rated Capacitance Range 560 ~ 56,000 μF 47 ~ 2,700 μF Capacitance Tolerance ±20% (M) Max. Leakage Current ( μA) After 5 minutes (20°C) 3 x C( μF)V Max. Tan δ at 120Hz/20°C W.V. (Vdc) 10 16 25 35 50 63 80 100 160~400 420~450 Tan δ max. 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0.20 Surge Voltage W.V. (Vdc) 10 16 25 35 50 63 80 100 160 180 S.V. (Vdc) 13 20 32 44 63 79 100 125 200 220 W.V. (Vdc) 200 220 250 315 350 385 400 420 450 - S.V. (Vdc) 250 270 300 365 400 435 450 470 500 - Ripple Current Correction Factors Frequency (Hz) 50 (60) 120 500 1K 10K> - - - - - Multiplier at 85°C 10 ~ 100Vdc 0.90 1.00 1.05 1.10 1.15 - - - - - 160 ~ 250Vdc 0.80 1.00 1.20 1.30 1.50 - - - - - 315 ~ 450Vdc 0.80 1.00 1.20 1.25 1.40 - - - - - Low Temperature Stability (10 to 250Vdc) Temperature (°C) 0 -25 -40 - - - - - - - Capacitance Change -5% -15% -30% - - - - - - - Impedance Ratio 1.5 3 12 - - - - - - - Load Life Test 3,000 hours at +105°C Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Shelf Life Test 1,000 hours at +105°C (no load) Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Surge Voltage Test Per JIS-C-5141 (table #6, #4) Surge voltage applied: 30 seconds "On" and 5.5 minutes no voltage "Off" Capacitance Change Within ±20% of initial measured value Tan δ Less than 200% of specified maximum value Leakage Current Less than specified maximum value Soldering Effect Refer to JISC5102.8.5 Capacitance Change Within ±10% of initial measured value Tan δ Less than specified maximum value Leakage Current Less than specified maximum value Large Can Aluminum Electrolytic Capacitors NRLRW Series FEATURES • EXPANDED VALUE RANGE • LONG LIFE AT +105°C (3,000 HOURS) • HIGH RIPPLE CURRENT • LOW PROFILE, HIGH DENSITY DESIGN • SUITABLE FOR SWITCHING POWER SUPPLIES SPECIFICATIONS MECHANICAL CHARACTERISTICS: 1. Safety Vent: The capacitors are provided with a pressure sensitive safety vent on the top of can. The vent is designed to rupture in the event that high internal gas pressure is developed by circuit malfunction or mis-use like reverse voltage. 2. Terminal Strength: Each terminal of the capacitor shall withstand an axial pull force of 4.5Kg for a period 10 seconds or a radial bent force of 2.5Kg for a period of 30 seconds. PRECAUTIONS Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC’s Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC’s technical support personnel: tpmg@niccomp.com Notice for Mounting The space from the top of the can shall be more than (3mm) from chassis or other construction materials so that safety vent has room to expand in case of emergency. Sleeve Color: Dark Blue Recommended PC Board Mounting Holes: Can Top Safety Vent Sleeve and Minus Polarity Marking D+1 Max. L ± 2 4.0 ± 1 or 3.5 ± 1 (Parts with 35mm Diameter) 10 (-) (+) MAXIMUM EXPANSION FOR SAFETY VENT Approx. 3.0mm 10 ± .1 ∅= 2 ± 0.1 D ∅ ± 0.5 Chassis PC Board *See Part Number System for Details RoHS Compliant includes all homogeneous materials NRLRW 682 M 50V 20X25 S F RoHS compliant Lead Length (S=4mm or 3.5mm for 35mm diameter parts, L = 6mm is discontinued) Case Size (mm) Voltage Rating Tolerance Code Capacitance Code Series PART NUMBER SYSTEM |
Similar Part No. - NRLRW471M450V35X50SF |
|
Similar Description - NRLRW471M450V35X50SF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |