Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPU104M16TRA3F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NSPU104M16TRA3F
Description  Stacked Film Capacitor Chips
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPU104M16TRA3F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NSPU104M16TRA3F Datasheet HTML 1Page - NIC-Components Corp. NSPU104M16TRA3F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
69
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Stacked Film Capacitor Chips
NSPU Series
STANDARD VALUES AND CASE SIZES (mm)
TAPE AND REEL DIMENSIONS (mm)
t
1.75 ±0.1
W
1.5 +0.1
-0
4.0 ±0.1
P
1
F
A
D
o
B
C
P
LAND PATTERN DIMENSIONS (mm)
13.0
+/−
0.5
D2
REEL
W
2.0 +/- 0.5
2.0
+/− 0.5
t
A
B
Stacked Element Terminations:
L
1
H
W
p
p
L
2
95.5% Sn, 4% Ag and
0.5% Cu over phenolic
resin/Ag/Ni/Cu barrier over
Cu base.
EIA Size
A ± 0.1
B ± 0.1
C ± 0.2
0805
1.55
2.3
1.3
1206
1.9
3.5
1.5
1210
1.9
3.5
1.9
Part Number
Capacitance Value
Dimensions (mm)
EIA
Size
Reel
Qty
L ± 0.2
W ± 0.2
H ± 0.2
P
NSPU104M16TRA3F
0.1
μF
2.0
1.25
1.0
0.45 ± 0.25
0805
3,000
NSPU154M16TRB4F
0.15
μF
3.2
1.6
0.8
0.65 ± 0.30
1206
3,000
NSPU224M16TRB4F
0.22
μF
0.8
1206
3,000
NSPU334M16TRB5F
0.33
μF
1.0
1206
3,000
NSPU474M16TRB6F
0.47
μF
1.4
1206
2,000
NSPU684M16TRB6F
0.68
μF
1.4
1206
2,000
NSPU105M16TRC4F
1.0
μF
2.5
1.4
1210
2,000
Case Code
A ± 0.1
B ± 0.1
C ± 0.2
t ± 0.05
W ± 0.3
F ± 0.05
P ± 0.1
D +0.2/-0
A3
1.55
2.3
1.3
0.25
8.0
3.5
4.0
1.0
B4, B5
1.9
3.5
1.5
B6
1.9
3.5
1.9
C4
2.8
3.5
1.9
RECOMMENDED REFLOW PROFILE
Peak Temperature
240°C
50
100
150
200
250
300
Time
Pre-heat
150°C ~ 180°C
120 sec. max.
25
0
Cool Down
Time above 220°C
30 sec. max.
Ramp-up
25°C ~ 150°C
90 sec. max.
Note: These capacitors are sensitive to moisture. Capacitors should be stored in moisture barrier packaging at
+25°C and a relative humidity of <70% (six months maximum). The components should be soldered within 72
hours of breaking the moisture barrier packaging seal and stored during those 72 hours at <+25°C and <70%
relative humidity. If the parts are to be storage outside of the moisture barrier packaging the conditions should
be <+20°C and relative humidity of less then 50%.


Similar Part No. - NSPU104M16TRA3F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSPU3051 ONSEMI-NSPU3051 Datasheet
391Kb / 7P
   5.5 V Unidirectional ESD and Surge Protection Device
December, 2020 ??Rev. 4
NSPU3051N2T5G ONSEMI-NSPU3051N2T5G Datasheet
391Kb / 7P
   5.5 V Unidirectional ESD and Surge Protection Device
December, 2020 ??Rev. 4
NSPU3061 ONSEMI-NSPU3061 Datasheet
339Kb / 7P
   6.3 V Unidirectional ESD and Surge Protection Device
March, 2019 ??Rev. 3
NSPU3061N2T5G ONSEMI-NSPU3061N2T5G Datasheet
339Kb / 7P
   6.3 V Unidirectional ESD and Surge Protection Device
March, 2019 ??Rev. 3
logo
NICHIA CORPORATION
NSPU510CS NICHIA-NSPU510CS Datasheet
237Kb / 14P
   UV LED
More results

Similar Description - NSPU104M16TRA3F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
   Stacked Film Capacitor Chips
NSMX NIC-NSMX Datasheet
53Kb / 3P
   Wound Metalized PPS Film Capacitor Chips
logo
Panasonic Semiconductor
ECQ-V1H105JL2 PANASONIC-ECQ-V1H105JL2 Datasheet
229Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1J474JMW PANASONIC-ECQ-V1J474JMW Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H474JL3 PANASONIC-ECQ-V1H474JL3 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1H824JL3 PANASONIC-ECQ-V1H824JL3 Datasheet
223Kb / 9P
   Stacked Metallized Plastic Film Capacitor
ECQ-V1183JM2 PANASONIC-ECQ-V1183JM2 Datasheet
112Kb / 4P
   Stacked Metallized Plastic Film Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com