Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPH33516V1210TRF Datasheet(PDF) 4 Page - NIC-Components Corp.

Part # NSPH33516V1210TRF
Description  Multilayer Acrylic Polymer Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPH33516V1210TRF Datasheet(HTML) 4 Page - NIC-Components Corp.

  NSPH33516V1210TRF Datasheet HTML 1Page - NIC-Components Corp. NSPH33516V1210TRF Datasheet HTML 2Page - NIC-Components Corp. NSPH33516V1210TRF Datasheet HTML 3Page - NIC-Components Corp. NSPH33516V1210TRF Datasheet HTML 4Page - NIC-Components Corp. NSPH33516V1210TRF Datasheet HTML 5Page - NIC-Components Corp. NSPH33516V1210TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
T
E
W
φ D
0
P
0
P
2
F
A
φD
1
B
K
P
1
REEL DIMENSIONS (mm)
EMBOSSED PLASTIC CARRIER DIMENSIONS (mm)
W
2
REEL
W
1
r
D
E
Case Code
A ±1.0
N ±1.0
W1 ±1.0 W2 ±1.0
φD ±0.2
E ±0.5
r ±0.2
A & B
180
60
9.5
13.1
13
2
1
C & D
180
60
13.5
18.5
13
2
1
255
80
13.5
18.5
13
2
1
NSPH Series
Size
Case Code A ± 0.1 B ± 0.1 W ± 0.3 F ± 0.5 E ± 0.1
P
1 ± 0.5
P
2 ± 0.4
P
0 ± 0.1
φ D
0 ± 0.1
φ D
1 ± 0.1
K ± 0.1 T ± 0.05
1206
A1
2
3.6
8
3.5
1.75
4
2
4
1.5
1
1.4
0.2
A2
1.8
0.25
1210
B1
2.9
3.6
8
3.5
1.75
4
2
4
1.5
1
1.8
0.25
B2
2.2
0.25
B3
2.4
0.25
1812
C1
3.6
4.9
12
5.5
1.75
8
2
4
1.5
1.5
1.8
0.25
C2
2.2
0.25
C3
2.4
0.25
C4
3.0
0.25
2220
D1
5.4
6.1
12
5.5
1.75
8
2
4
1.5
1.5
2.2
0.25
D2
2.6
0.25
D3
3.0
0.25
Multilayer Acrylic Polymer Film Capacitors


Similar Part No. - NSPH33516V1210TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
NSP-1600 MEANWELL-NSP-1600 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-12 MEANWELL-NSP-1600-12 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-24 MEANWELL-NSP-1600-24 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-36 MEANWELL-NSP-1600-36 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
More results

Similar Description - NSPH33516V1210TRF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
logo
Roithner LaserTechnik G...
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7021 ROITHNER-GS-7021 Datasheet
44Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
LC3 ROITHNER-LC3 Datasheet
41Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com