Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSMX393100TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NSMX393100TRF
Description  Wound Metalized PPS Film Capacitor Chips
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSMX393100TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NSMX393100TRF Datasheet HTML 1Page - NIC-Components Corp. NSMX393100TRF Datasheet HTML 2Page - NIC-Components Corp. NSMX393100TRF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
59
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Wound Metalized PPS Film Capacitor Chips
NSMX Series
RECOMMENDED LAND PATTERN (mm)
RECOMMENDED REFLOW PROFILE
Peak Temperature
(260°C for 5 sec.
or 250°C for 10 sec.)
50
100
150
200
250
300
Time
Pre-heat
150°C ~ 180°C 120 sec. max.
25
0
Cool Down
Time above 230°C
40 sec. max
Part Number
A
B
C
NSMX103_100TRF
2.0 ~ 2.5 4.0 ~ 4.5 3.3 ~ 3.7
NSMX123_100TRF
NSMX153_100TRF
NSMX183_100TRF
2.0 ~ 2.5 5.0 ~ 5.5 5.3 ~ 5.7
NSMX223_100TRF
NSMX273_100TRF
NSMX333_100TRF
NSMX393_100TRF
NSMX473_100TRF
NSMX563_100TRF
NSMX683_100TRF
NSMX823_100TRF
NSMX104_100TRF
NSMX124_100TRF
NSMX154_100TRF
2.0 ~ 2.5 5.0 ~ 6.0 5.3 ~ 5.7
NSMX184_100TRF
2.0 ~ 2.5 6.0 ~ 6.5 7.8 ~ 8.2
NSMX224_100TRF
C
A
B
A
Cleaning
• Use Freon-substitute cleaning solvent
• Immersion, Ultrasonic or Vapor cleaning
• 5 Minutes maximum cleaning
• Less than 50°C
• Ultrasonic conditions: 42 KHz, 20W max
• Please review all other cleaning conditions - techniques with NIC
• Contact: tpmg@niccomp.com


Similar Part No. - NSMX393100TRF

ManufacturerPart #DatasheetDescription
logo
StarHope
NSM SPSEMI-NSM Datasheet
702Kb / 3P
   Surface Mount Devices
NSM005 SPSEMI-NSM005 Datasheet
702Kb / 3P
   Surface Mount Devices
NSM010 SPSEMI-NSM010 Datasheet
702Kb / 3P
   Surface Mount Devices
logo
Shanghai Leiditech Elec...
NSM016 LEIDITECH-NSM016 Datasheet
492Kb / 1P
   Fast tripping resettable circuit protection
logo
StarHope
NSM025 SPSEMI-NSM025 Datasheet
702Kb / 3P
   Surface Mount Devices
More results

Similar Description - NSMX393100TRF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECH-S1H473JZ PANASONIC-ECH-S1H473JZ Datasheet
129Kb / 3P
   PPS Film Capacitor
logo
NIC-Components Corp.
NSWCHIGHERVOLTAGE NIC-NSWCHIGHERVOLTAGE Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSWCHV NIC-NSWCHV Datasheet
104Kb / 2P
   Stacked Film Capacitor Chips
NSHC NIC-NSHC Datasheet
103Kb / 6P
   Stacked Film Capacitor Chips
NSWC NIC-NSWC Datasheet
99Kb / 3P
   Stacked Film Capacitor Chips
NSPU NIC-NSPU Datasheet
55Kb / 2P
   Stacked Film Capacitor Chips
logo
Panasonic Semiconductor
ECH-U1H391GX5 PANASONIC-ECH-U1H391GX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U01562JX5 PANASONIC-ECH-U01562JX5 Datasheet
109Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C473JX5 PANASONIC-ECH-U1C473JX5 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
ECH-U1C823JX5 PANASONIC-ECH-U1C823JX5 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com