Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-6 Datasheet(PDF) 46 Page - Tyco Electronics

Part # 2-111196-6
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-6 Datasheet(HTML) 46 Page - Tyco Electronics

Back Button 2-111196-6 Datasheet HTML 42Page - Tyco Electronics 2-111196-6 Datasheet HTML 43Page - Tyco Electronics 2-111196-6 Datasheet HTML 44Page - Tyco Electronics 2-111196-6 Datasheet HTML 45Page - Tyco Electronics 2-111196-6 Datasheet HTML 46Page - Tyco Electronics 2-111196-6 Datasheet HTML 47Page - Tyco Electronics 2-111196-6 Datasheet HTML 48Page - Tyco Electronics 2-111196-6 Datasheet HTML 49Page - Tyco Electronics 2-111196-6 Datasheet HTML 50Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 100 page
background image
46
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Universal I/O Pin Connectors with Slotted Mounting Ears
Without Latches
With Latches
B
.754 ± .015
[19.15 ± 0.36]
A
Pin Length
.240
[6.10]
Pins On Centerlines
.100 [2.54]
.330
[8.38]
Position No.1
Indicator
No. of
Dimensions
Part Numbers of Connectors with:
Positions
AB
No Latches
Short Latches1
Long Latches2
103,4
.992
1.476
5111448-1
1-111494-5
1-111506-6
25.20
37.49
143,4
1.192
1.676
——
30.28
42.57
16
1.292
1.776
5111448-3
1-111506-8
32.82
45.11
20
1.492
1.976
5111448-4
1-111494-8
37.90
50.19
24
1.692
2.176
5111448-5
1-111494-9
2-111506-0
42.98
55.27
26
1.792
2.276
——
2-111506-1
45.52
57.81
30
1.992
2.476
5111448-7
2-111494-0
50.60
62.89
34
2.192
2.676
5111448-8
2-111494-1
55.68
67.97
40
2.492
2.976
5111448-9
2-111494-2
2-111506-4
63.30
75.59
44
2.692
3.176
2-111494-3
2-111506-5
68.38
80.67
50
2.992
3.476
2-111494-4
1-111506-4
76.00
88.29
60
3.492
3.976
2-111494-5
88.70
100.99
64
3.692
4.176
1-5111448-3
2-111494-6
93.78
106.07
1
Use short latch versions when mating connectors without strain reliefs are used.
2
Use long latch versions when mating connectors with strain reliefs are used.
3
No slot on end with position No. 1 indicator for 10 and 14-position connectors.
4
No slot for snap-in polarizer on end with position No. 1 indicator for 10 and 14-position connectors.
Material and Finish
Housing and Cover — Flame retardant
UL 94V-0 rated thermoplastic, black
Contacts — Phosphor bronze, .000100
[0.00254] min. tin on termination end,
.000030 [0.00762] min. gold on mating
end, both over .000050 [0.00127] min.
nickel
Technical Documents
Product Specification
108-1336
Application Specification
114-7011
Instruction Sheets
408-9720
408-6939
I
Recognized under the
Component Program
of the Underwriters
Laboratories, Inc.
UL File No. E28476
I
Certified by the
Canadian Standards
Association,
File No. LR 7189
Accessories
Ejector Latch — page 63
Military Polarizer — page 63
Terminates 26 and 28 AWG solid or
stranded ribbon cable. See Application
Specification for cable requirements.
Related Product Data
Mateable Receptacles Novo —
pages 48-51
Female Socket Connectors —
pages 52-55
R
R
Note: All part numbers are RoHS
compliant.


Similar Part No. - 2-111196-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-6 MACOM-2-111196-6 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-6 MACOM-2-111196-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-6 MACOM-2-111196-6 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Similar Description - 2-111196-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com