Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2-111196-0 Datasheet(PDF) 41 Page - Tyco Electronics

Part # 2-111196-0
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-111196-0 Datasheet(HTML) 41 Page - Tyco Electronics

Back Button 2-111196-0 Datasheet HTML 37Page - Tyco Electronics 2-111196-0 Datasheet HTML 38Page - Tyco Electronics 2-111196-0 Datasheet HTML 39Page - Tyco Electronics 2-111196-0 Datasheet HTML 40Page - Tyco Electronics 2-111196-0 Datasheet HTML 41Page - Tyco Electronics 2-111196-0 Datasheet HTML 42Page - Tyco Electronics 2-111196-0 Datasheet HTML 43Page - Tyco Electronics 2-111196-0 Datasheet HTML 44Page - Tyco Electronics 2-111196-0 Datasheet HTML 45Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 100 page
background image
41
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Micro-MaTch Miniature Connector System — Specials
SMC Connector Part Number 100411
This connector type enables a solderless application to the
printed circuit board. Contact is made on the surface of the
PCB, enabling the use of paperphenol and epoxy boards
with both drilled and punched holes. This connector is suit-
able for both Wire-to-Board as Board-to-Board connections.
Because this connector is mounted on the solder side, the
components of both PCB’s in a parallel Board-to-Board
application, will be in the same direction. By this, the stack-
ing of two or more PCB’s is possible. Application tooling
available on request.
Mates with:
X-215464-X
X-215083-X
X-338095-X
Male SMD Part Number 338728
This connector enables the possibility to have a full SMD
to SMD Board-to-Board application. It mates with all
Micro-MaTch female connectors, and will be packaged
according EIA 481 standard. Consult TE for more information.
Mates with:
X-215079-X
X-338070-X
X-215460-X
X-188431-X
X-188275-X
X-338068-X
X-338069-X
In-board SMD Part Number 188431
This connector is only tooled in 20 position (9-188431-0)
and packaged in embossed tape according to EIA481
standards. The connectors are equipped with a feature for
vacuum Pick & Placement. It enables the mounting of a
PCB with the solder side direct behind e.g. a display. It is
also possible to obtain a parallel BTB application with an
extreme low PCB distance of 4.2 mm.
Mates with:
X-338095-X
X-338728-X
X-215464-X
X-215083-X
Locking Latch Part Numbers 338068/338069/338070
For Wire-to-Board applications this feature provides an
audible click during mating. This feature is available for the
standard Micro-MaTch female connectors. Cross reference
is made by base part number x-338068-x instead of
x-215079-x, x-338069-x instead of x-188275-x and
x-338070-x instead of x-215460-x (standard large reel
packaging only).
Mates with:
X-338095-X
X-338728-X
X-215464-X
X-215083-X


Similar Part No. - 2-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-111196-0 MACOM-2-111196-0 Datasheet
287Kb / 2P
   AMP-LATCH SYSTEM 50, RECEPTACLE ASSEMBLY
2-111196-0 MACOM-2-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
2-111196-0 MACOM-2-111196-0 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
More results

Similar Description - 2-111196-0

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com