Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6-104068-2 Datasheet(PDF) 21 Page - Tyco Electronics

Part # 6-104068-2
Description  Ribbon Cable Connector Selection Guide
Download  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

6-104068-2 Datasheet(HTML) 21 Page - Tyco Electronics

Back Button 6-104068-2 Datasheet HTML 17Page - Tyco Electronics 6-104068-2 Datasheet HTML 18Page - Tyco Electronics 6-104068-2 Datasheet HTML 19Page - Tyco Electronics 6-104068-2 Datasheet HTML 20Page - Tyco Electronics 6-104068-2 Datasheet HTML 21Page - Tyco Electronics 6-104068-2 Datasheet HTML 22Page - Tyco Electronics 6-104068-2 Datasheet HTML 23Page - Tyco Electronics 6-104068-2 Datasheet HTML 24Page - Tyco Electronics 6-104068-2 Datasheet HTML 25Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
21
Catalog 82012
Dimensions are shown for
Dimensions are in inches
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
and millimeters unless
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
otherwise specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
Ribbon Cable Interconnect Solutions
Board-to-Board Vertical Headers, Double Row, .050 x .050
[1.27 x 1.27] Centerline
Note: All part numbers are RoHS compliant.
Material and Finish
Housing—Glass-filled thermoplastic,
black, 94V-0 rated
Contacts—Copper alloy; duplex plated
.000030 [0.00076] gold in mating area,
.000150 [0.00381] tin on solder tail,
with entire contact underplated .000050
[0.00127] nickel
Holddown—Copper alloy; plated
.000150 [0.00381] tin over .000050
[0.00127] nickel
Related Product Data
Mating Receptacles — pages 20 and
26 (without latch only)
PC Board Layouts — page 22
Performance Specifications — page
29
Technical Documents — page 29
Product Specification 108-1332
Application Specification
114-7010
Packaging — Tube or Tape and Reel
Header Part Numbers
No. of
Dimension
.250 [6.35] Mated Height
.320 [8.13] Mated Height
.390 [9.91] Mated Height
Pos.
A
Tubes
Tape & Reel*
Tubes
Tape & Reel*
Tubes
Tape & Reel*
Hold Down No Hold Down
Hold Down No Hold Down
10
.372 [9.44]
5-104655-1
5-147381-1
5-147121-1
5-104656-1
5-147382-1
5-104693-1
5-147383-1
20
.622 [15.79]
5-104655-3
5-147381-2
5-147121-2
5-104656-2
5-147382-2
5-104693-2
5-147383-2
30
.872 [22.14]
5-104655-4
5-147381-3
5-104656-3
5-147382-3
5-104693-3
5-147383-3
40
1.122 [28.49]
5-104655-5
5-147381-4
5-104656-4
5-147382-4
5-104693-4
5-147383-4
50
1.372 [34.84]
5-104655-6
5-147381-5
5-104656-5
5-147382-5
5-104693-5
5-147383-5
60
1.622 [41.19]
5-104655-7
5-147381-6
5-104656-6
5-147382-6
5-104693-6
5-147383-6
70
1.872 [47.54]
5-104655-8
5-147381-7
5-104656-7
5-147382-7
5-104693-7
5-147383-7
80
2.122 [53.89]
5-104655-9
5-147381-8
5-104656-8
5-147382-8
5-104693-8
5-147383-8
90
2.372 [60.24]
———
5-104656-9
5-104693-9
——
100
2.622 [66.59]
6-104655-1
5-147381-9
6-104656-0
5-147382-9
6-104693-0
5-147503-1
5-147383-9
*Parts packaged in tape and reel have vacuum pick and place cover.
See PC Board Layout on page 22.
For .250 [6.35] Mated Height
For .320 [8.13] Mated Height
For .390 [9.91] Mated Height
.050
[1.27]
.050
[1.27]
.050
[1.27]
.030
[0.76]
.030
[0.76]
.050
[1.27]
.2255
[5.728]
.225
[5.71]
.2975
[7.557]
.3675
[9.335]
A
A
A
.030
[0.76]
.050
[1.27]


Similar Part No. - 6-104068-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
6-104068-2 MACOM-6-104068-2 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED, DOUBLE ROW W/SIDE & END LATCHES, AMPMODU System 50
6-104068-2 MACOM-6-104068-2 Datasheet
173Kb / 1P
   HEADER ASSEMBLY, VERTICAL SHROUDED
6-104068-2 MACOM-6-104068-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-2 MACOM-6-104068-2 Datasheet
3Mb / 100P
   Ribbon Cable Interconnect Solutions
6-104068-2 MACOM-6-104068-2 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
More results

Similar Description - 6-104068-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Sanken electric
FGM603 SANKEN-FGM603 Datasheet
175Kb / 4P
   Selection Guide
logo
Vincotech
V23990-P63X-A-U-P1-48 VINCOTECH-V23990-P63X-A-U-P1-48 Datasheet
50Kb / 3P
   selection guide
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
TE Connectivity Ltd
S1006 TEC-S1006 Datasheet
8Mb / 20P
   Adhesives Selection Guide
2018
logo
Everlight Electronics C...
59-146UTDTR8 EVERLIGHT-59-146UTDTR8 Datasheet
379Kb / 11P
   Device Selection Guide
logo
Omron Electronics LLC
E2A-M18KN16-WP-C12M OMRON-E2A-M18KN16-WP-C12M Datasheet
3Mb / 48P
   Master Selection Guide
logo
Silicon Laboratories
AN521 SILABS-AN521 Datasheet
1Mb / 26P
   IRLED SELECTION GUIDE
logo
NXP Semiconductors
LPC810 NXP-LPC810 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
logo
Advantech Co., Ltd.
AIMB-R43PF-21A1E ADVANTECH-AIMB-R43PF-21A1E Datasheet
1Mb / 1P
   Riser Card Selection Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com