Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMC42C1008 Datasheet(PDF) 11 Page - Daewoo Semiconductor

Part # DMC42C1008
Description  4Bit Single Chip Microcontroller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAEWOO [Daewoo Semiconductor]
Direct Link  
Logo DAEWOO - Daewoo Semiconductor

DMC42C1008 Datasheet(HTML) 11 Page - Daewoo Semiconductor

Back Button DMC42C1008 Datasheet HTML 7Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 8Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 9Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 10Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 11Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 12Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 13Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 14Page - Daewoo Semiconductor DMC42C1008 Datasheet HTML 15Page - Daewoo Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
4Bit Single Chip Microcontroller
DMC42C1008
ABSOLUTE MAXIMUM RATINGS
(TA = 0¡É to 70¡É, VDD = 5V ±10%, fX = 4.19MHz)
PARAMETER
SYMBOL
CONDITION
RATING
UNIT
Supply Voltage
-
-0.3 to +7.0
V
Input Voltage
All I/O ports
-0.3 to VDD+0.3
V
Output Voltage
-
-0.3 to VDD+0.3
V
Output Current High
One I/O port active
-15
mA
All I/O ports active
-30
Output Current Low
One I/O port active
Peak Value
+30
-
RMS Value
+15
Total value for ports
Peak Value
+100
mA
P1, P2, P3, P8
RMS Value
+60
Total value for ports
Peak Value
+100
P0, P4, P5, P6
RMS Value
+60
Operating Temperature
-
-40 to +85
¡É
Storage Temperature
Tstg
-
-55 to +125
¡É
* RMS values are calculated as peak value x Duty
* Exceeding beyond those listed values under "Absolute Maximum Ratings" may cause permanent damage
to the device.
VDD
VI
VO
IOH
IOL
TA


Similar Part No. - DMC42C1008

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
More results

Similar Description - DMC42C1008

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DMC42C1106 DAEWOO-DMC42C1106 Datasheet
167Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C4008 DAEWOO-DMC42C4008 Datasheet
141Kb / 20P
   4Bit Single Chip Microcontroller
DMC42C3008 DAEWOO-DMC42C3008 Datasheet
115Kb / 20P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C4404 AUK-SD42C4404 Datasheet
86Kb / 19P
   4Bit Single Chip Microcontroller
logo
Daewoo Semiconductor
DMC42C2008 DAEWOO-DMC42C2008 Datasheet
271Kb / 22P
   4Bit Single Chip Microcontroller
logo
AUK corp
SD42C1008 AUK-SD42C1008 Datasheet
96Kb / 20P
   4Bit Single Chip Microcontroller
logo
List of Unclassifed Man...
W541C200 ETC1-W541C200 Datasheet
439Kb / 15P
   4BIT MICROCONTROLLER
logo
AUK corp
SD6830 AUK-SD6830 Datasheet
122Kb / 34P
   4BIT MICROCONTROLLER
logo
Integral Corp.
IN5732 INTEGRAL-IN5732 Datasheet
111Kb / 4P
   4BIT SINGLE CHIP MICROCOMPUTER
logo
Hitachi Semiconductor
HD404240S HITACHI-HD404240S Datasheet
3Mb / 67P
   CMOS 4bit single-chip microcomputers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com