Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC1812X7R105K50TRPLPF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NMC1812X7R105K50TRPLPF
Description  Multilayer Ceramic Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC1812X7R105K50TRPLPF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NMC1812X7R105K50TRPLPF Datasheet HTML 1Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 2Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 3Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 4Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 5Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 6Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 7Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 8Page - NIC-Components Corp. NMC1812X7R105K50TRPLPF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
X5R PART NUMBERS AND SPECIFICATIONS
NMC High CV Series
Multilayer Ceramic Chip Capacitors
X5R Continue on next page
Denotes New Value
Part Number
Case
Size
Voltage
(Vdc)
Cap.
Cap.
Tol.
DF
(%)
IR
(M
Ω)
DWV
(Vdc)
Max. T
(mm)
NMC0805X5R475K10TRPLPF
0805
10
4.7μF
K
10
21.2
25
1.45
NMC0805X5R106K10TRPF
10μF
K
10
10.0
25
1.0
NMC0805X5R106K10TRPLPF
10μF
K
10
5.0
25
1.45
NMC0805X5R226K10TRPLPF
22μF
K
15
2.3
25
1.45
NMC0805X5R476M10TRPLPF
47μF
M
10
2.12
25
1.45
NMC0805X5R105K16TRPLPF
16
1.0μF
K
10
50.0
40
1.45
NMC0805X5R225K16TRPLPF
2.2μF
K
5
22.7
40
1.45
NMC0805X5R475K16TRPLPF
4.7μF
K
10
10.6
40
1.45
NMC0805X5R106K16TRPLPF
10μF
K
10
5.0
40
1.45
NMC0805X5R226K16TRPLPF
22μF
K
10
4.5
40
1.45
NMC0805X5R105K25TRPLPF
25
1.0μF
K
10
50.0
62.5
1.45
NMC0805X5R225K25TRPLPF
2.2μF
K
10
22.7
62.5
1.45
NMC0805X5R475K25TRPLPF
4.7μF
K
10
10.6
62.5
1.45
NMC0805X5R106K25TRPLPF
10μF
K
15
5.0
62.5
1.45
NMC0805X5R226M35TRPLPF
35
22μF
M
10
22.7
87.5
1.45
NMC1206X5R476K4TRPLPF
1206
4
47μF
K
15
1.1
10
1.9
NMC1206X5R107K4TRPLPF
100μF
K
15
0.5
10
1.9
NMC1206X5R475K6.3TRPLPF
6.3
4.7μF
K
10
10.6
15.75
1.9
NMC1206X5R685K6.3TRPLPF
6.8μF
K
10
14.7
15.75
1.9
NMC1206X5R106K6.3TRPLPF
10μF
K
10
5.0
15.75
1.9
NMC1206X5R226K6.3TRPLPF
22μF
K
10
2.3
15.75
1.9
NMC1206X5R476K6.3TRPLPF
47μF
K
10
1.1
15.75
1.9
NMC1206X5R107M6.3TRPLPF
100μF
M
10
0.5
15.75
1.8
NMC1206X5R225K10TRPLPF
10
2.2μF
K
7.5
22.7
25
1.9
NMC1206X5R335K10TRPLPF
3.3μF
K
7.5
30.3
25
1.9
NMC1206X5R475K10TRPLPF
4.7μF
K
7.5
10.6
25
1.9
NMC1206X5R106K10TRPLPF
10μF
K
10
5.0
25
1.9
NMC1206X5R226K10TRPLPF
22μF
K
10
2.3
25
1.9
NMC1206X5R476K10TRPLPF
47μF
K
10
1.1
25
1.9
NMC1206X5R225K16TRPLPF
16
2.2μF
K
5
22.7
40
1.9
NMC1206X5R335K16TRPLPF
3.3μF
K
5
30.3
40
1.9
NMC1206X5R475K16TRPLPF
4.7μF
K
5
10.6
40
1.9
NMC1206X5R106K16TRPLPF
10μF
K
10
5.0
40
1.9
NMC1206X5R226K16TRPLPF
22μF
K
10
2.3
40
1.9
NMC1206X5R105K25TRPLPF
25
1.0μF
K
3.5
100.0
62.5
1.9
NMC1206X5R225K25TRPLPF
2.2μF
K
5
22.7
62.5
1.9
NMC1206X5R335K25TRPLPF
3.3μF
K
3.5
30.3
62.5
1.9
NMC1206X5R475K25TRPLPF
4.7μF
K
5
10.6
62.5
1.9
NMC1206X5R106K25TRPLPF
10μF
K
10
5.0
62.5
1.9
NMC1206X5R226K25TRPLPF
22μF
K
10
2.3
62.5
1.9
NMC1206X5R105M35TRPLPF
35
1.0μF
M
3.5
100.0
87.5
1.9
NMC1210X5R106K6.3TRPLPF
1210
6.3
10μF
K
10
10.0
15.75
2.2
NMC1210X5R226K6.3TRPLPF
22μF
K
10
2.3
15.75
2.2
NMC1210X5R476K6.3TRPLPF
47μF
K
10
1.1
15.75
2.8
NMC1210X5R107K6.3TRPLPF
100μF
K
15
0.5
15.75
2.2
NMC1210X5R475K10TRPLPF
10
4.7μF
K
5
21.2
25
2.2
NMC1210X5R106K10TRPLPF
10μF
K
5
10.0
25
2.8


Similar Part No. - NMC1812X7R105K50TRPLPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC1812X7R105K50TRPLPF NIC-NMC1812X7R105K50TRPLPF Datasheet
157Kb / 11P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC1812X7R105K50TRPLPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com