Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPH33563V2220TRF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NSPH33563V2220TRF
Description  Multilayer Acrylic Polymer Film Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NSPH33563V2220TRF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NSPH33563V2220TRF Datasheet HTML 1Page - NIC-Components Corp. NSPH33563V2220TRF Datasheet HTML 2Page - NIC-Components Corp. NSPH33563V2220TRF Datasheet HTML 3Page - NIC-Components Corp. NSPH33563V2220TRF Datasheet HTML 4Page - NIC-Components Corp. NSPH33563V2220TRF Datasheet HTML 5Page - NIC-Components Corp. NSPH33563V2220TRF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
L
H
W
e
e
STANDARD VALUES AND CASE SIZES (mm)
Part Number
Voltage
(VDC)
Capacitance
(
μF)
Available
Tolerance
L±0.3
W±0.3
H±0.2
e±0.3
Case
Size
Reel Qty
Tolerance
NSPH102_100V1206TRF
100
0.001
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH152_100V1206TRF
100
0.0015
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH222_100V1206TRF
100
0.0022
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH332_100V1206TRF
100
0.0033
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH472_100V1206TRF
100
0.0047
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH682_100V1206TRF
100
0.0068
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH103_100V1206TRF
100
0.01
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH153_100V1206TRF
100
0.015
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH223_100V1206TRF
100
0.022
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH333_100V1206TRF
100
0.033
±10% (K), ±20% (M)
3.2
1.6
1.0
0.5
1206
3,000
NSPH473_100V1206TRF
100
0.047
±10% (K), ±20% (M)
3.2
1.6
1.4
0.5
1206
2,000
NSPH683_100V1210TRF
100
0.068
±10% (K), ±20% (M)
3.2
2.5
1.4
0.5
1210
2,000
NSPH104_100V1210TRF
100
0.1
±10% (K), ±20% (M)
3.2
2.5
1.8
0.5
1210
2,000
NSPH Series
Multilayer Acrylic Polymer Film Capacitors


Similar Part No. - NSPH33563V2220TRF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NSP NIC-NSP Datasheet
72Kb / 5P
   Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors
logo
Mean Well Enterprises C...
NSP-1600 MEANWELL-NSP-1600 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-12 MEANWELL-NSP-1600-12 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-24 MEANWELL-NSP-1600-24 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
NSP-1600-36 MEANWELL-NSP-1600-36 Datasheet
262Kb / 7P
   1600W Power Supply with Single Output
2022-12-26
More results

Similar Description - NSPH33563V2220TRF

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCA1206A105M-H3 CDE-FCA1206A105M-H3 Datasheet
217Kb / 5P
   Acrylic Surface Mount Film Capacitors
logo
List of Unclassifed Man...
FCA1210C105M ETC2-FCA1210C105M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
FCA0805C104M ETC2-FCA0805C104M Datasheet
288Kb / 5P
   Type FCA Acrylic Surface Mount Film Capacitors
logo
Cornell Dubilier Electr...
FCA CDE-FCA Datasheet
932Kb / 5P
   Acrylic Stacked Metallized Film Capacitors for Filtering and Noise Attenuation
logo
3M Electronics
1218 3M-1218 Datasheet
536Kb / 2P
   Polyimide Film Electrical Tape 1218 with Acrylic Adhesive
DP-820 3M-DP-820 Datasheet
32Kb / 8P
   Acrylic Adhesives
logo
Roithner LaserTechnik G...
LC7 ROITHNER-LC7 Datasheet
60Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7020-2C ROITHNER-GS-7020-2C Datasheet
47Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
GS-7021 ROITHNER-GS-7021 Datasheet
44Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
LC3 ROITHNER-LC3 Datasheet
41Kb / 1P
   ACRYLIC LASERDIODE COLLIMATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com