Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMCM0402NPO6R8C50TRPF Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NMCM0402NPO6R8C50TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMCM0402NPO6R8C50TRPF Datasheet(HTML) 5 Page - NIC-Components Corp.

  NMCM0402NPO6R8C50TRPF Datasheet HTML 1Page - NIC-Components Corp. NMCM0402NPO6R8C50TRPF Datasheet HTML 2Page - NIC-Components Corp. NMCM0402NPO6R8C50TRPF Datasheet HTML 3Page - NIC-Components Corp. NMCM0402NPO6R8C50TRPF Datasheet HTML 4Page - NIC-Components Corp. NMCM0402NPO6R8C50TRPF Datasheet HTML 5Page - NIC-Components Corp. NMCM0402NPO6R8C50TRPF Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NMC-M Series
Multilayer Ceramic Chip Capacitors
NIC PART NUMBER
CAPACITANCE
VALUE (pF)
AVAILABLE
TOLERANCE
Q FACTOR
(MIN. @ 1GHz)
ESR
Ω
(@ 1GHz)*
NMC-M0603NPO0R4B50TRPF
0.4
B
300
1.326
NMC-M0603NPO0R5B50TRPF
0.5
B
300
1.061
NMC-M0603NPO0R6B50TRPF
0.6
B
300
0.884
NMC-M0603NPO0R7B50TRPF
0.7
B
300
0.757
NMC-M0603NPO0R8B50TRPF
0.8
B
300
0.663
NMC-M0603NPO0R9B50TRPF
0.9
B
300
0.589
NMC-M0603NPO1R0B50TRPF
1.0
B
300
0.530
NMC-M0603NPO1R1B50TRPF
1.1
B
300
0.482
NMC-M0603NPO1R2B50TRPF
1.2
B
250
0.530
NMC-M0603NPO1R5B50TRPF
1.5
B
250
0.424
NMC-M0603NPO1R8B50TRPF
1.8
B
200
0.442
NMC-M0603NPO2R0B50TRPF
2.0
B
200
0.397
NMC-M0603NPO2R2_50TRPF
2.2
B, C
100
0.723
NMC-M0603NPO2R4_50TRPF
2.4
B, C
100
0.663
NMC-M0603NPO2R7_50TRPF
2.7
B, C
100
0.589
NMC-M0603NPO3R0_50TRPF
3.0
B, C
100
0.530
NMC-M0603NPO3R6_50TRPF
3.6
B, C
100
0.442
NMC-M0603NPO3R6_50TRPF
3.9
B, C
100
0.408
NMC-M0603NPO4R3_50TRPF
4.3
B, C
100
0.370
NMC-M0603NPO4R7_50TRPF
4.7
B, C
100
0.338
NMC-M0603NPO5R1_50TRPF
5.1
C, D
80
0.390
NMC-M0603NPO5R6_50TRPF
5.6
C, D
80
0.355
NMC-M0603NPO6R2_50TRPF
6.2
C, D
80
0.320
NMC-M0603NPO6R8_50TRPF
6.8
C, D
80
0.292
NMC-M0603NPO7R5_50TRPF
7.5
C, D
80
0.265
NMC-M0603NPO8R2_50TRPF
8.2
C, D
80
0.242
NMC-M0603NPO9R1_50TRPF
9.1
C, D
80
0.218
NMC-M0603NPO100_50TRPF
10
F, G, J
80
0.198
NMC-M0603NPO120_50TRPF
12
F, G, J
70
0.189
NMC-M0603NPO150_50TRPF
15
F, G, J
60
0.176
NMC-M0603NPO180_50TRPF
18
F, G, J
50
0.176
NMC-M0603NPO200_50TRPF
20
F, G, J
30
0.265
NMC-M0603NPO220_50TRPF
22
F, G, J
30
0.241
*Typical ESR
0603 50 VOLT STANDARD VALUES AND CHARACTERISTICS


Similar Part No. - NMCM0402NPO6R8C50TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMCM NIC-NMCM Datasheet
95Kb / 6P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMCM0402NPO6R8C50TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com