Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NPX333K275VX2F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NPX333K275VX2F
Description  Interference Suppression Capacitor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPX333K275VX2F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NPX333K275VX2F Datasheet HTML 1Page - NIC-Components Corp. NPX333K275VX2F Datasheet HTML 2Page - NIC-Components Corp. NPX333K275VX2F Datasheet HTML 3Page - NIC-Components Corp. NPX333K275VX2F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Interference Suppression Capacitor
NPX Series
*250 VAC for UL & CSA
275 VAC for UL, VDE, CQC, CE, ENEC
310 VAC for UL
SPECIFICATIONS
FEATURES
• UL, CSA, VDE, CQC, CE, ENEC APPROVALS
• “X2” SAFETY CAP CLASSIFICATION FOR USE IN ACROSS-THE-LINE APPLICATIONS
• METALLIZED POLYPROPYLENE FILM
• NON-INDUCTIVE & SELF-HEALING CONTRUCTION
• RoHS COMPLIANT & Pb-FREE FINISH
• MOLDED CASE MEETS UL-94V-0 FLAMMABILITY TEST
MOLDED BOX CONSTRUCTION, SUPPRESSION CAPACITOR, RADIAL LEAD
*These value are not available tape & box
Capacitance Value (
μF)
DV/DT (V/
μS)
0.001
1,000
0.0015
600
0.0022 ~ 0.0047
450
0.0068 ~ 0.022
300
0.033 ~ 0.047
200
0.068 ~ 1.0
100
DV/DT RATINGS
Operating Temperature
-40°C ~ +100°C
Rated Voltage
250VAC/275VAC/310V*
Capacitance Range
0.001
μF ~ 1.0μF
Capacitance Tolerance
±10% (K), ±20% (M)
Insulation Resistance (min.)
C < 0.33
μF IR > 15,000 Megohm
C > 0.33
μF IR > 5,000 Megohm
Dissipation Factor
< 0.1% max. @ 1KHz/25°C
Dielectric Strength
2000VDC (1414VAC rms) for 1 second
#1 - ±0.4mm tolerance available special order
NEW
EXPANDED
310VAC
Meet the requirements of DIN EN132400
(VDO565 Teil 101):1999-06
IEC60384-14:1993-07, Table II +A1:1995-
06 and EN132400, UL1414,UL 60384-14/
CSA E60384-14/-1 CSA C22.2 No. 1 & 2
Part Number
Cap. Value
(
μF)
Capacitance
Code
L
±0.5
T
±0.5
H
±0.5
LS
±0.5#1
LD
±0.08
Bulk Package
Quantity
Tape & Box
Quantity
NPX102K310VX2F
0.001
102
13.0
5.0
11.0
10.0
0.6
500
500
NPX122K310VX2F
0.0012
122
13.0
5.0
11.0
500
500
NPX152K310VX2F
0.0015
152
13.0
5.0
11.0
500
500
NPX182K310VX2F
0.0018
182
13.0
5.0
11.0
500
500
NPX222K310VX2F
0.0022
222
13.0
5.0
11.0
500
500
NPX272K310VX2F
0.0027
272
13.0
5.0
11.0
500
500
NPX332K310VX2F
0.0033
332
13.0
5.0
11.0
500
500
NPX392K310VX2F
0.0039
392
13.0
5.0
11.0
500
500
NPX472K310VX2F
0.0047
472
13.0
5.0
11.0
500
500
NPX562K310VX2F
0.0056
562
13.0
5.0
11.0
500
500
NPX682K310VX2F
0.0068
682
13.0
5.0
11.0
500
500
NPX822K310VX2F
0.0082
822
13.0
5.0
11.0
500
500
NPX103K310VX2MF
0.01
103
13.0
5.0
11.0
500
500
NPX103K310VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX123K310VX2F
0.012
123
18.0
5.0
11.0
500
400
NPX153K310VX2F
0.015
153
18.0
5.0
11.0
500
400
NPX183K310VX2F
0.018
183
18.0
5.0
11.0
500
400
NPX223K310VX2MF
0.022
223
13.0
5.0
11.0
10.0
0.6
500
500
NPX223K310VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX273K310VX2MF
0.027
273
13.0
5.0
11.0
10.0
0.6
500
500
NPX273K310VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX333K310VX2MF
0.033
333
13.0
5.0
11.0
10.0
0.6
500
500
NPX333K310VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX393K310VX2F
0.039
393
18.0
5.0
11.0
500
400
NPX473K310VX2MF
0.047
473
13.0
5.0
11.0
10.0
0.6
500
500
NPX473K310VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX563K310VX2MF
0.056
563
13.0
5.0
11.0
10.0
0.6
500
500
NPX563K310VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX683K310VX2MF
0.068
683
13.0
5.0
11.0
10.0
0.6
500
500
NPX683K310VX2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX823K310VX2MF
0.082
823
13.0
6.0
12.0
10.0
0.6
500
400
NPX823K310VX2F
18.0
6.0
12.0
15.0
0.8
500
400
NPX104K310VX2MF
0.1
104
13.0
6.0
12.0
10.0
0.6
500
400
NPX104K310VX2M2F
18.0
5.0
11.0
15.0
0.8
500
400
NPX104K310VX2F
18.0
6.0
12.0
500
400
310V STANDARD VALUES AND CASE SIZE (mm)


Similar Part No. - NPX333K275VX2F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NPX-25T ETC2-NPX-25T Datasheet
670Kb / 12P
   SELECTION GUIDE
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
   12 bit ADC
NPX-C01767 AMPHENOL-NPX-C01767 Datasheet
89Kb / 4P
   12 bit ADC
NPX-C01768 AMPHENOL-NPX-C01768 Datasheet
89Kb / 4P
   12 bit ADC
NPX-C01769 AMPHENOL-NPX-C01769 Datasheet
89Kb / 4P
   12 bit ADC
More results

Similar Description - NPX333K275VX2F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
logo
Vishay Siliconix
F339X1330VAC VISHAY-F339X1330VAC Datasheet
158Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 330 VAC - Standard Across the Line
Revision: 30-Jun-15
F1772SX2 VISHAY-F1772SX2 Datasheet
147Kb / 13P
   Interference Suppression Film Capacitor - Class X2 Radial MKT - 310 VAC - Series Impedance - 85 °C / 85 % RH
Revision: 26-Feb-18
F339X1480VAC VISHAY-F339X1480VAC Datasheet
168Kb / 13P
   Interference Suppression Film Capacitor - Class X1 Radial MKP 480 VAC - 3-Phase Across the Line
Revision: 18-Jan-17
logo
Panasonic Semiconductor
ECQ-U2A474MV PANASONIC-ECQ-U2A474MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A474MG PANASONIC-ECQ-U2A474MG Datasheet
128Kb / 2P
   Interference Suppression Capacitor Metalized Polysester
ECQU2A102MV PANASONIC-ECQU2A102MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com