Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATH06T033-9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ATH06T033-9
Description  Electrical Specs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ATH06T033-9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ATH06T033-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers ATH06T033-9 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
North America (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211Asia (HK): 852-2437-9662
2
Special Features
Electrical Specs
Special Features
6Amps
• Point-of-Load Alliance product
• Open frame TH or SMT termination
• Auto-Track™ Sequencing
• Output Voltage Adjust (Resistor Programming)
• Under Voltage Lockout
• Pre-Biased start-up2
• Output On/Off Inhibit
• -40°C to +85°C Ambient Air Operation
• Non Isolated module
Input
Input Range
3.0 - 3.6V
4.5 - 5.5V
10.8 - 13.2V
Under Voltage Lockout with hysterisis
Efficiency
up to 95%
Output
Overall Regulation
1% of Vo Typ
Noise/Ripple
30mV Typ (2.5Vo and below)
1% Vo Typ (Vo > 2.5V)
Remote sense
Up to 300mV max
Transient Response
100mV typical for 3.3Vo
for 50% to 100% IO,MAX step change
70us recovery time (Co = 330uF)
Over Current Protection
160% IO,MAX typical (autorecovery)
Control
Inhibit On/Off
Positive Enable Logic
Output Voltage Adjust
See output range on page 2
Output Margin
±5% VO,NOM
Output Auto-Track™
(See Note 5)
Specifications subject to change without notice
Ambient air operating temperature range:
-40°C to +85°C
Storage temperature: -40°C to +125°C
Calculated MTBF: > TBA
UL,cUL 60950 Recognition (Pending)
EN 60950 through TUV or VDE (Pending)
Environmental
Total Power:
33W
Input Voltages:
3.3V, 5V, 12V
No. of Outputs:
Single
Safety
ATH06
PRELIMINARY


Similar Part No. - ATH06T033-9

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH06T033-9 ASTEC-ATH06T033-9 Datasheet
545Kb / 2P
   6Amps
ATH06T033-9J ASTEC-ATH06T033-9J Datasheet
545Kb / 2P
   6Amps
ATH06T033-9S ASTEC-ATH06T033-9S Datasheet
545Kb / 2P
   6Amps
ATH06T033-9SJ ASTEC-ATH06T033-9SJ Datasheet
545Kb / 2P
   6Amps
More results

Similar Description - ATH06T033-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VG-660 ETC-VG-660 Datasheet
98Kb / 2P
   DC Specs and Maximum Ratings
10-40D ETC2-10-40D Datasheet
674Kb / 3P
   Jan-1-8 and Jan-1-10 Specs.
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
   ELECTRICAL SPECIFICATIONS
logo
New Jersey Semi-Conduct...
1N4961 NJSEMI-1N4961 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4963 NJSEMI-1N4963 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4965 NJSEMI-1N4965 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4979 NJSEMI-1N4979 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4982 NJSEMI-1N4982 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
1N4993 NJSEMI-1N4993 Datasheet
358Kb / 1P
   ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com