Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCA1206X7R103K25TRPF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NCA1206X7R103K25TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCA1206X7R103K25TRPF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NCA1206X7R103K25TRPF Datasheet HTML 1Page - NIC-Components Corp. NCA1206X7R103K25TRPF Datasheet HTML 2Page - NIC-Components Corp. NCA1206X7R103K25TRPF Datasheet HTML 3Page - NIC-Components Corp. NCA1206X7R103K25TRPF Datasheet HTML 4Page - NIC-Components Corp. NCA1206X7R103K25TRPF Datasheet HTML 5Page - NIC-Components Corp. NCA1206X7R103K25TRPF Datasheet HTML 6Page - NIC-Components Corp. NCA1206X7R103K25TRPF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Part Number
Case Size
Voltage
Capacitance (pF)
Standard Tol.
NCA1206NPO121J100TRPF
1206
100
120
±5%
NCA1206NPO151J100TRPF
150
±5%
NCA1206NPO181J100TRPF
180
±5%
NCA1206NPO221J100TRPF
220
±5%
NCA1206NPO271J100TRPF
270
±5%
NCA1206NPO331J100TRPF
330
±5%
NCA1206NPO391J100TRPF
390
±5%
NCA1206NPO471J100TRPF
470
±5%
Part Number
Case Size
Voltage
Capacitance (pF)
Standard Tol.
NCA0805X7R102K10TRPF
0805
10
1,000
±10%
NCA0805X7R152K10TRPF
1,500
±10%
NCA0805X7R222K10TRPF
2,200
±10%
NCA0805X7R332K10TRPF
3,300
±10%
NCA0805X7R472K10TRPF
4,700
±10%
NCA0805X7R682K10TRPF
6,800
±10%
NCA0805X7R103K10TRPF
10,000
±10%
NCA0805X7R153K10TRPF
15,000
±10%
NCA0805X7R223K10TRPF
22,000
±10%
NCA0805X7R333K10TRPF
33,000
±10%
NCA0805X7R473K10TRPF
47,000
±10%
NCA0805X7R683K10TRPF
68,000
±10%
NCA0805X7R823K10TRPF
82,000
±10%
NCA0805X7R104K10TRPF
100,000
±10%
NCA0805X7R102K16TRPF
16
1,000
±10%
NCA0805X7R122K16TRPF
1,200
±10%
NCA0805X7R152K16TRPF
1,500
±10%
NCA0805X7R182K16TRPF
1,800
±10%
NCA0805X7R222K16TRPF
2,200
±10%
NCA0805X7R272K16TRPF
2,700
±10%
NCA0805X7R332K16TRPF
3,300
±10%
NCA0805X7R392K16TRPF
3,900
±10%
NCA0805X7R472K16TRPF
4,700
±10%
NCA0805X7R562K16TRPF
5,600
±10%
NCA0805X7R682K16TRPF
6,800
±10%
NCA0805X7R822K16TRPF
8,200
±10%
NCA0805X7R103K16TRPF
10,000
±10%
NCA0805X7R123K16TRPF
12,000
±10%
NCA0805X7R153K16TRPF
15,000
±10%
NCA0805X7R183K16TRPF
18,000
±10%
NCA0805X7R223K16TRPF
22,000
±10%
NCA0805X7R273K16TRPF
27,000
±10%
NCA0805X7R333K16TRPF
33,000
±10%
NCA0805X7R473K16TRPF
47,000
±10%
NCA0805X7R563K16TRPF
56,000
±10%
NCA0805X7R683K16TRPF
68,000
±10%
NCA0805X7R823K16TRPF
82,000
±10%
NCA0805X7R104K16TRPF
100,000
±10%
NCA Series
Multilayer Ceramic Chip Capacitors
NPO 1206 STANDARD VALUES AND VOLTAGES (CONTINUED)
X7R 0805 STANDARD VALUES AND VOLTAGES
X7R 0805 STANDARD VALUES AND VOLTAGES (CONTINUED ON NEXT PAGE)
New Values
New Values


Similar Part No. - NCA1206X7R103K25TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCA1206X7R103K25TRPF NIC-NCA1206X7R103K25TRPF Datasheet
143Kb / 2P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NCA1206X7R103K25TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com