Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC0603X5R475K16TRPF Datasheet(PDF) 9 Page - NIC-Components Corp.

Part # NMC0603X5R475K16TRPF
Description  Multilayer Ceramic Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0603X5R475K16TRPF Datasheet(HTML) 9 Page - NIC-Components Corp.

Back Button NMC0603X5R475K16TRPF Datasheet HTML 3Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 4Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 5Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 6Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 7Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 8Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 9Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 10Page - NIC-Components Corp. NMC0603X5R475K16TRPF Datasheet HTML 11Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
P
P
L
W
T
100% Sn over Ni barrier
EIA Case Size
0201
0402
0603
0805
1206
1210
1812
2220
2225
Length (L)
0.6 ± 0.03
1.0 ± 0.05
1.6 ± 0.15
2.0 ± 0.2
3.2±0.2
3.2±0.2
4.5±0.4
5.7±0.4
5.7±0.4
Width (W)
0.3 ± 0.03
0.5 ± 0.05
0.8 ± 0.15
1.25 ± 0.2
1.6±0.2
2.5±0.2
3.2±0.3
5.0±0.4
6.35±0.25
Thickness max. (T)
See Part Number and Specifications Tables
Termination Width (P) 0.10 ~ 0.20 0.15 ~ 0.30
0.1 ~ 0.65
0.25 ~ 0.75 0.25 ~ 0.85 0.25 ~ 1.00
0.25 ~ 1.5
0.30 min.
0.25 ~ 1.02
Y5V PART NUMBERS AND SPECIFICATIONS
CASE SIZE DIMENSIONS (mm)
NMC High CV Series
Multilayer Ceramic Chip Capacitors
Denotes New Value
Part Number
Case
Size
Voltage
(Vdc)
Cap.
Cap.
Tol.
DF
(%)
IR
(M
Ω)
DWV
(Vdc)
Max. T
(mm)
NMC1812Y5V105Z16TRPLPF
1812
Y5V
16
1.0μF
Z
9
100.0
24
2.8
NMC1812Y5V155Z16TRPLPF
Y5V
1.5μF
Z
9
66.6
24
2.8
NMC1812Y5V225Z16TRPLPF
Y5V
2.2μF
Z
9
45.4
24
2.8
NMC1812Y5V335Z16TRPLPF
Y5V
3.3μF
Z
9
30.3
24
2.8
NMC1812Y5V475Z16TRPLPF
Y5V
4.7μF
Z
9
21.2
24
2.8
NMC1812Y5V685Z16TRPLPF
Y5V
6.8μF
Z
9
14.7
24
2.8
NMC1812Y5V106Z16TRPLPF
Y5V
10μF
Z
9
10.0
24
2.8
NMC1812Y5V476Z16TRPLPF
Y5V
47μF
Z
12.5
2.1
24
2.8
NMC1812Y5V105Z25TRPLPF
Y5V
25
1.0μF
Z
5
100.0
37.5
2.8
NMC1812Y5V155Z25TRPLPF
Y5V
1.5μF
Z
5
66.6
37.5
2.8
NMC1812Y5V225Z25TRPLPF
Y5V
2.2μF
Z
5
45.4
37.5
2.8
NMC1812Y5V335Z25TRPLPF
Y5V
3.3μF
Z
5
30.3
37.5
2.8
NMC1812Y5V475Z25TRPLPF
Y5V
4.7μF
Z
5
21.2
37.5
2.8
NMC1812Y5V685Z25TRPLPF
Y5V
6.8μF
Z
5
14.7
37.5
2.8
NMC1812Y5V106Z25TRPLPF
Y5V
10μF
Z
5
10.0
37.5
2.8
NMC1812Y5V105Z50TRPLPF
Y5V
50
1.0μF
Z
5
100.0
75
2.8
NMC1812Y5V155Z50TRPLPF
Y5V
1.5μF
Z
5
66.6
75
2.8
NMC1812Y5V225Z50TRPLPF
Y5V
2.2μF
Z
5
45.4
75
2.8
NMC1812Y5V335Z50TRPLPF
Y5V
3.3μF
Z
5
30.3
75
2.8
NMC1812Y5V475Z50TRPLPF
Y5V
4.7μF
Z
5
21.2
75
2.8
NMC1812Y5V685Z50TRPLPF
Y5V
6.8μF
Z
5
14.7
75
2.8
NMC1812Y5V106Z50TRPLPF
Y5V
10μF
Z
5
10.0
125
2.2


Similar Part No. - NMC0603X5R475K16TRPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0603X5R475K16TRPF NIC-NMC0603X5R475K16TRPF Datasheet
157Kb / 11P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0603X5R475K16TRPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com