Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

43061-0016 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 43061-0016
Description  3.96mm Pitch SPOX??Housing, 5 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

43061-0016 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  43061-0016 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/20/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
43061-0016
Status:
Active
Overview:
SPOX™ Wire-to-Board Connectors - Molex
Description:
3.96mm Pitch SPOX™ Housing, 5 Circuits
Documents:
3D Model
Packaging Specification PK-43061-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
43061
Application
Power, Wire-to-Board
Overview
SPOX™ Wire-to-Board Connectors - Molex
Product Name
SPOX™
UPC
800753843639
Physical
Breakaway
No
Circuits (maximum)
5
Circuits Detail
5
Color - Resin
Natural
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
None
Material - Resin
Polyester
Net Weight
1.620/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.96mm
Pitch - Termination Interface
3.96mm
Stackable
No
Temperature Range - Operating
0°C to +75°C
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-43061-001
Sales Drawing
SD-43061
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
43061Series
Mates With
3.96mm Pitch KK® or SPOX® headers
Use With
Spox Terminal 5194 , 5225
This document was generated on 01/20/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 43061-0016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
43061-0016 MOLEX5-43061-0016 Datasheet
160Kb / 3P
   3.96mm (.156") Pitch SPOX??Housing, 5 Circuits
More results

Similar Description - 43061-0016

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0430610016 MOLEX1-0430610016_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Housing, 5 Circuits
43061-0005 MOLEX11-43061-0005 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 5 Circuits
0430610005 MOLEX1-0430610005_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Housing, 5 Circuits
0430610016 MOLEX5-0430610016 Datasheet
160Kb / 3P
   3.96mm (.156") Pitch SPOX??Housing, 5 Circuits
0430610005 MOLEX5-0430610005 Datasheet
160Kb / 3P
   3.96mm (.156") Pitch SPOX??Housing, 5 Circuits
49549-0510 MOLEX11-49549-0510 Datasheet
40Kb / 1P
   2.50mm Pitch Mini-SPOX??Housing, 5 Circuits
43061-0007 MOLEX11-43061-0007 Datasheet
39Kb / 1P
   3.96mm Pitch SPOX??Housing, 7 Circuits
43061-0021 MOLEX11-43061-0021 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 10 Circuits
43061-0023 MOLEX11-43061-0023 Datasheet
38Kb / 1P
   3.96mm Pitch SPOX??Housing, 12 Circuits
0430610014 MOLEX1-0430610014_17 Datasheet
31Kb / 1P
   3.96mm Pitch SPOX Housing, 3 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com