Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXZ2-5770 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # LXZ2-5770
Description  LUXEON Z LUXEON Z ES
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ2-5770 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button LXZ2-5770 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 9Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 10Page - List of Unclassifed Manufacturers LXZ2-5770 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LUXEON Z and LUXEON Z ES Datasheet DS120 20140326 ©2014 Philips Lumileds Lighting Company.
6
JEDECMoistureSensitivity
Table 7.
Level
Floor Life
Soak Requirements
Standard
Time
Conditions
Time
Conditions
1
unlimited
[30°C/
85%RH
168h
+5/-0
85°C/85%
RH
Mechanical Dimensions of LUXEON Z ES
Notes for Figure 1:
1.Donothandlethedevicebythetopofpackage.Excessiveforceonthetopofthepackagemaydamagethesurfaceortheinteriorofthedevice.
2.Drawingsnottoscale.
3.Alldimensionsareinmillimeters.
4.Thethermalpadiselectricallyisolatedfromtheanodeandcathodecontactpads.











Figure 1. Package outline drawing for LUXEON Z ES.


Similar Part No. - LXZ2-5770

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ2-5770 LUMILEDS-LXZ2-5770 Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
LXZ2-5770 LUMILEDS-LXZ2-5770 Datasheet
2Mb / 20P
   Extreme flux density in a micro footprint package for precise optical control
LXZ2-5770 LUMILEDS-LXZ2-5770 Datasheet
1Mb / 2P
   Extreme flux density in a micro footprint package for precise optical control
More results

Similar Description - LXZ2-5770

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Ledil, Inc.
CA12538 LEDIL-CA12538 Datasheet
5Mb / 11P
   ~30째 wide beam optimized for LUXEON Rebel ES
logo
Lumileds Lighting Compa...
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
Ledil, Inc.
CA12443 LEDIL-CA12443 Datasheet
6Mb / 9P
   ~15째 smooth spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
logo
Ledil, Inc.
CA12530 LEDIL-CA12530 Datasheet
5Mb / 11P
   ~10째 diffused spot beam optimized for LUXEON Rebel ES
logo
List of Unclassifed Man...
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com