Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXZ1-PA01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # LXZ1-PA01
Description  LUXEON Z Color Protfolio
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXZ1-PA01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  LXZ1-PA01 Datasheet HTML 1Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 2Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 3Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 4Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers LXZ1-PA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LUXEON Z Datasheet DS105 20140214 ©2014 Philips Lumileds Lighting Company.
3
Product Selection & Optical Characteristics
Product Selection Guide for LUXEON Z Color
Junction Temperature = 25°C
Table 1.
Color
Part Number
Performance @ 500 mA
Performance @ 700 mA
Minimum Luminous
Flux (lm) or Radiometric
Power (mW)
Typical Efficacy
(lm/W) or
Radiant Efficacy
Typical Luminous Flux
(lm) or Radiometric
Power (mW)
Typical Efficacy
(lm/W) or
Radiant Efficacy
Green
LXZ1-PM01
104
96
88
80
71
63
59
54
128
120
113
103
61
53
50
46
Cyan
LXZ1-PE01
64
56
48
44
39
35
84
74
67
38
33
30
Blue
LXZ1-PB01
40
32
24
30
26
21
57
49
39
27
23
19
Royal Blue
LXZ1-PR01
600
550
500
43%
40%
37%
823
757
704
40%
37%
35%
Deep Red
LXZ1-PA01
350
300
34%
32%
454
416
31%
29%
Red
LXZ1-PD01
56
48
40
54
50
42
77
70
60
49
46
38
Red-Orange
LXZ1-PH01
72
64
56
69
63
57
99
90
82
66
58
53
Amber
LXZ1-PL01
64
56
48
63
57
51
90
82
73
59
53
48
Notes for Table 1:
1. Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Philips Lumileds maintains a tolerance of ± 6.5% on flux and
power measurements.
2. Typical luminous flux or radiometric power performance when device is operated within published operating conditions.
Product Selection Guide for LUXEON Z Color
Junction Temperature = 85°C
Table 2.
Color
Part Number
Performance @ 500 mA
Performance @ 700 mA
Minimum Luminous
Flux (lm)
Typical Efficacy
(lm/W)
Typical Luminous Flux
(lm)
Typical Efficacy
(lm/W)
Lime
LXZ1-PX01
184
174
164
154
144
131
124
118
113
107
245
233
221
212
200
Notes for Table 2:
1. Minimum luminous flux or radiometric power performance guaranteed within published operating conditions. Philips Lumileds maintains a tolerance of ± 6.5% on flux and power
measurements.
2. Typical luminous flux or radiometric power performance when device is operated at specified conditions.
124
118
107
10
111
0


Similar Part No. - LXZ1-PA01

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXZ1-PA01 LUMILEDS-LXZ1-PA01 Datasheet
2Mb / 25P
   High power color LEDs in a micro footprint package for ultimate design flexibility
LXZ1-PA01 LUMILEDS-LXZ1-PA01 Datasheet
1Mb / 2P
   High power color LEDs in a micro footprint package for ultimate design flexibility
logo
List of Unclassifed Man...
LXZ1-PA01-0250 ETC2-LXZ1-PA01-0250 Datasheet
1Mb / 28P
   Color and White LED Portfolio
LXZ1-PA01-0300 ETC2-LXZ1-PA01-0300 Datasheet
1Mb / 28P
   Color and White LED Portfolio
LXZ1-PA01-0350 ETC2-LXZ1-PA01-0350 Datasheet
1Mb / 28P
   Color and White LED Portfolio
More results

Similar Description - LXZ1-PA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
MXC8-PW27-0000 ETC2-MXC8-PW27-0000_14 Datasheet
2Mb / 26P
   LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
logo
Lumileds Lighting Compa...
DS68 LUMILEDS-DS68 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES Color Portfolio
logo
Seoul Semiconductor
F50360 SEOUL-F50360 Datasheet
530Kb / 19P
   Full color Z-Power LED
logo
Lumileds Lighting Compa...
LXML-PR02 LUMILEDS-LXML-PR02 Datasheet
2Mb / 34P
   LUXEON Rebel and LUXEON Rebel ES
LXML-PX02-0000 LUMILEDS-LXML-PX02-0000 Datasheet
2Mb / 31P
   LUXEON Rebel and LUXEON Rebel ES
LHUV-0380-0150 LUMILEDS-LHUV-0380-0150 Datasheet
1Mb / 15P
   LUXEON UV
logo
List of Unclassifed Man...
LXHL-BW02 ETC-LXHL-BW02 Datasheet
579Kb / 18P
   Luxeon Emitter
LXHL-LB3C ETC-LXHL-LB3C Datasheet
242Kb / 14P
   Luxeon III Star
logo
Lumileds Lighting Compa...
DS24 LUMILEDS-DS24 Datasheet
215Kb / 8P
   power light source Luxeon Flood
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com