Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXC8-PW30-0000 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MXC8-PW30-0000
Description  LUXEON 3535 2D Mid-Power LEDs Illumination Protfolio
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MXC8-PW30-0000 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button MXC8-PW30-0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 10Page - List of Unclassifed Manufacturers MXC8-PW30-0000 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LUXEON35352DDatasheetDS20420140327©2014PhilipsLumiledsLightingCompany.
6
Mechanical Dimensions
Notes for Figure 1:
1. Alldimensionsareinmillimeters.
2. Tolerance:±0.10mm.
3. Materials
• LeadFrame:CopperAlloywithSilverPlating
• PackageBody:HighTemperatureThermalPlastic
• Encapsulant:SiliconeResin
• SolderLeadFinish:Sn-SnPlating
2.6
3.7 MAX
3.40±0.15
3.50±0.15
Part Mark
Cathode
0.3
0.8
2.7
1.9
0.8
Cathode
Anode
Figure 1. Package outline drawing.


Similar Part No. - MXC8-PW30-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXC8-PW30-0000 LUMILEDS-MXC8-PW30-0000 Datasheet
1Mb / 25P
   High efficacy for sustainable design Compact 3535 2D package
MXC8-PW30-0000 LUMILEDS-MXC8-PW30-0000 Datasheet
2Mb / 34P
   High flux in a 3535 package with full range of CCTs and CRIs
More results

Similar Description - MXC8-PW30-0000

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXM8-PW27-0000 LUMILEDS-MXM8-PW27-0000 Datasheet
3Mb / 27P
   LUXEON 3535 Mid-Power LEDs
MXA8-PW22-0000 LUMILEDS-MXA8-PW22-0000 Datasheet
2Mb / 28P
   LUXEON 3535L Mid-Power LEDs
MXL8-PW27-0000 LUMILEDS-MXL8-PW27-0000 Datasheet
2Mb / 26P
   LUXEON 5630 Mid-Power LEDs
logo
List of Unclassifed Man...
LXZ1-PM01 ETC2-LXZ1-PM01_14 Datasheet
3Mb / 28P
   LUXEON Z Color Protfolio
logo
Lumileds Lighting Compa...
MXC8-PW27-0000 LUMILEDS-MXC8-PW27-0000 Datasheet
1Mb / 25P
   High efficacy for sustainable design Compact 3535 2D package
logo
Inolux Corporation
IN-C33XTLX INOLUX-IN-C33XTLX Datasheet
1Mb / 15P
   3535 High Power LED
logo
List of Unclassifed Man...
SJ-3535 ETC1-SJ-3535 Datasheet
30Kb / 1P
   SJ-3535
logo
Seoul Semiconductor
STW8Q14D SEOUL-STW8Q14D Datasheet
1Mb / 30P
   The Best Efficacy in Mid Power LEDs
logo
Ledil, Inc.
C16520 LEDIL-C16520 Datasheet
5Mb / 5P
   ~25째 beam with more space for 3535 HP LEDs
logo
List of Unclassifed Man...
LXZ2-4070 ETC2-LXZ2-4070_14 Datasheet
2Mb / 23P
   LUXEON Z LUXEON Z ES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com