Selected language     English  ā–¼


L-07C1N8SV6T Datasheet(PDF) 2 Page - Johanson Technology Inc.

Part No. L-07C1N8SV6T
Description  RF CERAMIC CHIP INDUCTORS
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  JOHANSON [Johanson Technology Inc.]
Homepage  http://www.johansontechnology.com
Logo 

   
 2 page
background image
20
www.johansontechnology.com
RF CHip inDuCToR SeleCTion CHaRT
0201
(L-05)
0402
(L-07)
0603
(L-14)
Inductance
Toler-
ance
nH
Code
0.6
0N6
C
S
300 mA
0.7
0N7
300 mA
0.8
0N8
300 mA
0.9
0N9
300 mA
1.0
1N0
300 mA
300 mA
300 mA (S only)
1.2
1N2
300 mA
300 mA (S only)
300 mA (S only)
1.3
1N3
300 mA
1.5
1N5
300 mA
300 mA (S only)
300 mA (S only)
1.8
1N8
S
300 mA
300 mA
300 mA
1.9
1N9
300 mA
300 mA
2.0
2N0
300 mA
300 mA
2.2
2N2
300 mA
300 mA
300 mA
2.3
2N3
300 mA
2.4
2N4
300 mA
300 mA
2.5
2N5
300 mA
2.7
2N7
300 mA
300 mA
300 mA
3.0
3N0
K
S
300 mA
300 mA
3.3
3N3
300 mA
300 mA
300 mA
3.6
3N6
300 mA
300 mA
3.7
3N7
300 mA
3.9
3N9
300 mA
300 mA
300 mA
4.3
4N3
300 mA
4.7
4N7
300 mA
300 mA
300 mA
5.1
5N1
300 mA
300 mA
5.6
5N6
300 mA
300 mA
300 mA
6.2
6N2
300 mA
6.8
6N8
J
K
250 mA
250 mA
300 mA
7.5
7N5
250 mA
8.2
8N2
250 mA
250 mA
300 mA
10
10N
250 mA
250 mA
300 mA
12
12N
250 mA
250 mA
300 mA
13
13N
250 mA
250 mA
15
15N
250 mA
250 mA
300 mA
18
18N
200 mA
200 mA
300 mA
20
20N
200 mA
200 mA
22
22N
200 mA
200 mA
300 mA
23
23N
200 mA
27
27N
200 mA
200 mA
300 mA
33
33N
200 mA
200 mA
300 mA
39
39N
200 mA
150 mA
300 mA
43
43N
150 mA
47
47N
150 mA
300 mA
56
56N
150 mA
300 mA
68
68N
100 mA
300 mA
82
82N
100 mA
300 mA
100
R10
100 mA
300 mA
120
R12
100 mA
300 mA
150
R15
300 mA
180
R18
300 mA
220
R22
300 mA
270
R27
330
R33
390
R39
420
R42
560
R56
680
R68
EIA Size
Inductor
Value
Consult factory for Non-Standard values.
See web page for Chip Inductor Product Detail Summary by part number




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl