Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMC0805Y5V685Z10TRPLPF Datasheet(PDF) 3 Page - NIC-Components Corp.

Part # NMC0805Y5V685Z10TRPLPF
Description  Multilayer Ceramic Chip Capacitors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NMC0805Y5V685Z10TRPLPF Datasheet(HTML) 3 Page - NIC-Components Corp.

  NMC0805Y5V685Z10TRPLPF Datasheet HTML 1Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 2Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 3Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 4Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 5Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 6Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 7Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 8Page - NIC-Components Corp. NMC0805Y5V685Z10TRPLPF Datasheet HTML 9Page - NIC-Components Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
®
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
X7R PART NUMBERS AND SPECIFICATIONS
NMC High CV Series
Multilayer Ceramic Chip Capacitors
Denotes New Value
Part Number
Case
Size
Voltage
(Vdc)
Cap.
Cap.
Tol.
DF
(%)
IR
(M
Ω)
DWV
(Vdc)
Max. T
(mm)
NMC1210X7R476K6.3TRPLPF
1210
6.3
47μF
K
10
1.1
15.75
2.7
NMC1210X7R105K10TRPLPF
10
1.0μF
K
5
100.0
25
2.2
NMC1210X7R475K10TRPLPF
4.7μF
K
10
21.2
25
2.2
NMC1210X7R106K10TRPLPF
10μF
K
10
5.0
25
2.8
NMC1210X7R105K16TRPLPF
16
1.0μF
K
3.5
100.0
40
2.2
NMC1210X7R335K16TRPLPF
3.3μF
K
3.5
30.3
40
2.2
NMC1210X7R475K16TRPLPF
4.7μF
K
3.5
21.2
40
2.2
NMC1210X7R106K16TRPLPF
10μF
K
10
5.0
40
2.8
NMC1210X7R105K25TRPLPF
25
1.0μF
K
3.5
100.0
62.5
2.2
NMC1210X7R225K25TRPLPF
2.2μF
K
3.5
45.4
62.5
2.2
NMC1210X7R335K25TRPLPF
3.3μF
K
3.5
30.3
62.5
2.2
NMC1210X7R475K25TRPLPF
4.7μF
K
10
10.6
62.5
2.2
NMC1210X7R106K25TRPLPF
10μF
K
10
5.0
62.5
2.8
NMC1210X7R106K35TRPLPF
35
10μF
K
10
10.0
87.5
2.8
NMC1210X7R105K50TRPLPF
50
1.0μF
K
3.5
100.0
125
2.2
NMC1210X7R225K50TRPLPF
2.2μF
K
5
45.5
125
2.8
NMC1210X7R475K50TRPLPF
4.7μF
K
10
10.6
125
2.2
NMC1210X7R106K50TRPLPF
10μF
K
10
5.0
125
2.2
NMC1210X7R105K100TRPLPF
100
1.0μF
K
10
50.0
250
2.8
NMC1210X7R225K100TRPLPF
2.2μF
K
10
22.7
250
2.2
NMC1812X7R105K10TRPLPF
1812
10
1.0μF
K
5
100.0
25
1.8
NMC1812X7R105K16TRPLPF
16
1.0μF
K
3.5
100.0
40
1.8
NMC1812X7R105K25TRPLPF
25
1.0μF
K
3.5
100.0
62.5
1.8
NMC1812X7R106K25TRPLPF
10μF
K
3.5
50.0
62.5
2.8
NMC1812X7R105K50TRPLPF
50
1.0μF
K
2.5
100.0
125
2.8
NMC1812X7R475K50TRPLPF
4.7μF
K
10
21.2
125
2.2
NMC1812X7R106K50TRPLPF
10μF
K
10
10.0
125
2.2
NMC1812X7R105K100TRPLPF
100
1.0μF
K
2.5
100.0
250
2.8
NMC1812X7R225K100TRPLPF
2.2μF
K
5
45.5
250
2.8
NMC2220X7R475K50TRPLPF
2220
50
4.7μF
K
10
21.2
125
2.2
NMC2220X7R106K50TRPLPF
10μF
K
10
10.0
125
3.0
NMC2220X7R475K100TRPLPF
100
4.7μF
K
2.5
21.2
250
2.2
NMC2220X7R106K100TRPLPF
10μF
K
2.5
10.0
250
3.0
NMC2225X7R105K25TRPLPF
2225
25
1.0μF
K
2.5
100.0
62.5
2.2
NMC2225X7R155K25TRPLPF
1.5μF
K
2.5
66.6
62.5
2.2
NMC2225X7R225K25TRPLPF
2.2μF
K
2.5
45.4
62.5
2.2
NMC2225X7R105K50TRPLPF
50
1.0μF
K
2.5
100.0
125
2.2
NMC2225X7R105K100TRPLPF
100
1.0μF
K
2.5
100.0
250
2.2


Similar Part No. - NMC0805Y5V685Z10TRPLPF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NMC0805Y5V103Z100TRP3KF NIC-NMC0805Y5V103Z100TRP3KF Datasheet
238Kb / 2P
   Multilayer Ceramic Chip Capacitors
NMC0805Y5V103Z100TRPLP3KF NIC-NMC0805Y5V103Z100TRPLP3KF Datasheet
238Kb / 2P
   Multilayer Ceramic Chip Capacitors
NMC0805Y5V103Z10TRP3KF NIC-NMC0805Y5V103Z10TRP3KF Datasheet
238Kb / 2P
   Multilayer Ceramic Chip Capacitors
NMC0805Y5V103Z10TRPLP3KF NIC-NMC0805Y5V103Z10TRPLP3KF Datasheet
238Kb / 2P
   Multilayer Ceramic Chip Capacitors
NMC0805Y5V103Z16TRP3KF NIC-NMC0805Y5V103Z16TRP3KF Datasheet
238Kb / 2P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - NMC0805Y5V685Z10TRPLPF

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com