Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1013 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1013
Description  3-in-1 Silicon Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1013 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1013 Datasheet HTML 1Page - Dallas Semiconductor DS1013 Datasheet HTML 2Page - Dallas Semiconductor DS1013 Datasheet HTML 3Page - Dallas Semiconductor DS1013 Datasheet HTML 4Page - Dallas Semiconductor DS1013 Datasheet HTML 5Page - Dallas Semiconductor DS1013 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1013
4 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-1.0V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
Short Circuit Output Current
50 mA for 1 second
* This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(0°C to 70°C; VCC = 5.0V ± 5%)
PARAMETER
SYM
TEST
CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
4.75
5.00
5.25
V
1
High Level Input
Voltage
VIH
2.2
VCC + 0.5
Low Level Input
Voltage
VIL
-0.5
0.8
V
1
Input Leakage
Current
II
0.0V
≤ V
I
≤ V
CC
-1.0
1.0
µA
Active Current
ICC
VCC=Max;
Period=Min.
40
70
mA
2
High Level Output
Current
IOH
VCC=Min.
VOH=4.0V
-1.0
mA
Low Level Output
Current
IOL
VCC=Min.
VOL=0.5V
12.0
mA
AC ELECTRICAL CHARACTERISTICS
(TA = 25°C; VCC = 5V ± 5%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Pulse Width
tWI
100% of tPLH
ns
Input to Output Delay
(leading edge)
tPLH
Table 1
ns
3, 4, 5, 6
Input to Output Delay
(trailing edge)
tPHL
Table 1
ns
3, 4, 5, 6
Power-up Time
tPU
100
ms
Period
3 (tWI)ns
7
CAPACITANCE
(TA = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF


Similar Part No. - DS1013

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
TT Electronics.
DS1013 TTELEC-DS1013 Datasheet
340Kb / 2P
   Water Flow Transmitter
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1013-10 MAXIM-DS1013-10 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
DS1013-100** MAXIM-DS1013-100* Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
More results

Similar Description - DS1013

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
   3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
   3-in-1 Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
   3-in-1 High.Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1033 MAXIM-DS1033 Datasheet
56Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
   3-in-1 High?밪peed Silicon Delay Line
111799
logo
Dallas Semiconductor
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
   3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
   3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
logo
Dallas Semiconductor
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
DS1033 DALLAS-DS1033 Datasheet
50Kb / 6P
   3-in-1 Low Voltage Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com