Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN853L3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTN853L3
Description  Low Vcesat NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN853L3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTN853L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN853L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN853L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN853L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTN853L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTN853L3 Datasheet HTML 6Page - Cystech Electonics Corp. BTN853L3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C821L3
Issued Date : 2010.02.05
Revised Date :
Page No. : 3/7
BTN853L3
CYStek Product Specification
Typical Characteristics
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE=5V
VCE=1V
VCE=2V
Saturation Voltage vs Collector Current
10
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VCE(SAT)
IC=20IB
IC=50IB
IC=100IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(SAT) @ IC=10IB
On Vottage vs Collector Current
100
1000
1
10
100
1000
10000
Collector Current---IC(mA)
VBE(ON)@VCE=5V
Grounded Emitter Output Characteristics
0
0.5
1
1.5
2
2.5
3
3.5
02
4
6
8
10
Collector-to-Emitter Voltage---VCE(V)
IB=0mA
IB=1mA
IB=5mA
IB=8mA
Grounded Emitter Output Characteristics
0
1
2
3
4
5
6
7
8
01
2
3
45
Collector-to-Emitter Voltage---VCE(V)
IB=0mA
IB=2mA
IB=5mA
IB=7mA
IB=10mA
IB=20mA
IB=30mA
IB=50mA
IB=100mA
IB=70mA
IB=60mA
IB=80mA IB=90mA IB=40mA


Similar Part No. - BTN853L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050BA3 CYSTEKEC-BTN8050BA3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050SA3 CYSTEKEC-BTN8050SA3 Datasheet
144Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
logo
Infineon Technologies A...
BTN8960 INFINEON-BTN8960 Datasheet
6Mb / 94P
   High Current PN Half Bridge
Rev. 0.6 2017-02-21
More results

Similar Description - BTN853L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTD882NUT3 CYSTEKEC-BTD882NUT3 Datasheet
302Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1862I3 CYSTEKEC-BTD1862I3 Datasheet
143Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2097AI3 CYSTEKEC-BTD2097AI3 Datasheet
156Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD2150AD3 CYSTEKEC-BTD2150AD3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882D3 CYSTEKEC-BTD882D3 Datasheet
175Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882T3 CYSTEKEC-BTD882T3 Datasheet
146Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD882I3 CYSTEKEC-BTD882I3 Datasheet
231Kb / 6P
   Low Vcesat NPN Epitaxial Planar Transistor
D44H11E3 CYSTEKEC-D44H11E3 Datasheet
180Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
BTD1805F3 CYSTEKEC-BTD1805F3 Datasheet
263Kb / 7P
   Low Vcesat NPN Epitaxial Planar Transistor
BTN1101E3 CYSTEKEC-BTN1101E3 Datasheet
141Kb / 4P
   Low Vcesat NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com