Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN6427N3 Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # BTN6427N3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN6427N3 Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  BTN6427N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN6427N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN6427N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN6427N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTN6427N3 Datasheet HTML 5Page - Cystech Electonics Corp. BTN6427N3 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C214N3-A
Issued Date : 2005.11.30
Revised Date : 2012.04.23
Page No. : 3/6
BTN6427N3
CYStek Product Specification
Characteristic Curves
Current Gain vs Collector Current
1000
10000
100000
1
10
100
1000
Collector Current---IC(mA)
HFE@VCE=5V
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
Collector Current ---IC(mA)
VCE(SAT)@IC=1000IB
Saturation Voltage vs Collector Current
1000
10000
1
10
100
1000
Collector Current ---IC(mA)
VBE(SAT)@IC=1000IB
ON Voltage vs Collector Current
100
1000
10000
0.1
1
10
100
1000
Collector Current ---IC(mA)
VBE(ON)@VCE=5V
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature ---Ta(℃ )


Similar Part No. - BTN6427N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN6517A3 CYSTEKEC-BTN6517A3 Datasheet
147Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
BTN6517N3 CYSTEKEC-BTN6517N3 Datasheet
144Kb / 4P
   High Voltage NPN Epitaxial Planar Transistor
BTN6718A3 CYSTEKEC-BTN6718A3 Datasheet
166Kb / 5P
   NPN Epitaxial Planar Transistor
BTN6718D3 CYSTEKEC-BTN6718D3 Datasheet
235Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTN6718T3 CYSTEKEC-BTN6718T3 Datasheet
265Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTN6427N3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com