Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTN13003D3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # BTN13003D3
Description  General Purpose NPN Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTN13003D3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTN13003D3 Datasheet HTML 1Page - Cystech Electonics Corp. BTN13003D3 Datasheet HTML 2Page - Cystech Electonics Corp. BTN13003D3 Datasheet HTML 3Page - Cystech Electonics Corp. BTN13003D3 Datasheet HTML 4Page - Cystech Electonics Corp. BTN13003D3 Datasheet HTML 5Page - Cystech Electonics Corp. BTN13003D3 Datasheet HTML 6Page - Cystech Electonics Corp. BTN13003D3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C827D3
Issued Date : 2012.04.09
Revised Date :
Page No. : 2/7
BTN13003D3
CYStek Product Specification
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
700
-
-
V
IC=100μA
BVCEO
450
-
-
V
IC=10mA
BVEBO
9
-
-
V
IE=100μA
ICBO
-
-
1
μA
VCB=700V, IE=0
ICEO
-
-
50
μA
VCE=400V, IE=0
IEBO
-
-
100
nA
VEB=9V, IC=0
*VCE(SAT)
-
136
300
mV
IC=500mA, IB=100mA
*VCE(SAT)
-
256
600
mV
IC=1A, IB=250mA
*VCE(SAT)
-
400
800
V
IC=1.5A, IB=500mA
*VBE(SAT)
-
0.84
1
V
IC=500mA, IB=100mA
*VBE(SAT)
-
0.92
1.2
V
IC=1A, IB=250mA
*hFE 1
18
-
36
-
VCE=2V, IC=500mA
*hFE 2
5
-
21
-
VCE=2V, IC=1A
fT
5
-
-
MHz
VCE=10V, IC=100mA, f=100MHz
tstg
-
-
0.5
tf
1.8
-
6.6
μs
VCC=100V, IC=1A, IB1=-IB2=0.2A,
IC=0.25A
*Pulse Test: Pulse Width
≤380μs, Duty Cycle≤2%
Ordering Information
Device
Package
Shipping
Marking
MJE13003D3
TO-126ML
(Pb-free)
200 pcs / Bag, 15 Bags/Box, 10 Boxes/Carton
13003


Similar Part No. - BTN13003D3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results

Similar Description - BTN13003D3

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTD1863 KEC-KTD1863 Datasheet
251Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
KTC2028 KEC-KTC2028 Datasheet
273Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
TIP41C KEC-TIP41C Datasheet
202Kb / 2P
   EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
   General Purpose NPN Epitaxial Planar Transistor
BTNA42A3 CYSTEKEC-BTNA42A3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN2222AN3 CYSTEKEC-BTN2222AN3 Datasheet
151Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050A3 CYSTEKEC-BTN8050A3 Datasheet
145Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTN8050N3 CYSTEKEC-BTN8050N3 Datasheet
155Kb / 4P
   General Purpose NPN Epitaxial Planar Transistor
BTC2882J3 CYSTEKEC-BTC2882J3 Datasheet
290Kb / 6P
   General Purpose NPN Epitaxial Planar Transistor
BTC4401A3 CYSTEKEC-BTC4401A3 Datasheet
268Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
BTC5658Y3 CYSTEKEC-BTC5658Y3 Datasheet
305Kb / 7P
   General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com