Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTPA56N3 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # BTPA56N3
Description  PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTPA56N3 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  BTPA56N3 Datasheet HTML 1Page - Cystech Electonics Corp. BTPA56N3 Datasheet HTML 2Page - Cystech Electonics Corp. BTPA56N3 Datasheet HTML 3Page - Cystech Electonics Corp. BTPA56N3 Datasheet HTML 4Page - Cystech Electonics Corp. BTPA56N3 Datasheet HTML 5Page - Cystech Electonics Corp. BTPA56N3 Datasheet HTML 6Page - Cystech Electonics Corp. BTPA56N3 Datasheet HTML 7Page - Cystech Electonics Corp. BTPA56N3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C217N3
Issued Date : 2013.06.26
Revised Date :
Page No. : 5/8
BTPA56N3
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Reverse-biased Voltage
1
10
100
0.1
1
10
100
-VR, Reverse-biased Voltage(V)
Cib
Cob
Cutoff Frequency vs Collector Current
10
100
1000
1
10
100
1000
-IC, Collector Current(mA)
VCE=-1V
Power Derating Curve
0
50
100
150
200
250
0
50
100
150
200
Ambient Temperature---TA(℃)


Similar Part No. - BTPA56N3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTPA64N3 CYSTEKEC-BTPA64N3 Datasheet
156Kb / 3P
   General Purpose PNP Epitaxial Planar Transistor
BTPA92A3 CYSTEKEC-BTPA92A3 Datasheet
155Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTPA92N3 CYSTEKEC-BTPA92N3 Datasheet
163Kb / 4P
   General Purpose PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA94A3 CYSTEKEC-BTPA94A3 Datasheet
156Kb / 4P
   High Voltage PNP Epitaxial Planar Transistor
More results

Similar Description - BTPA56N3

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com