Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1202 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1202
Description  Serial Timekeeping Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1202 Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS1202 Datasheet HTML 2Page - Dallas Semiconductor DS1202 Datasheet HTML 3Page - Dallas Semiconductor DS1202 Datasheet HTML 4Page - Dallas Semiconductor DS1202 Datasheet HTML 5Page - Dallas Semiconductor DS1202 Datasheet HTML 6Page - Dallas Semiconductor DS1202 Datasheet HTML 7Page - Dallas Semiconductor DS1202 Datasheet HTML 8Page - Dallas Semiconductor DS1202 Datasheet HTML 9Page - Dallas Semiconductor DS1202 Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DS1202, DS1202S
032697 6/11
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
–0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
–55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
* This is a stress rating only and functional operation of the device at these or any other conditions above those
indicated in the operation sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
2.0
5.5
V
1
Logic 1 Input
VIH
2.0
VCC+0.3
V
1
Logic 0 Input
VIL
VCC=2.0V
–0.3
+0.3
V
1
Logic 0 Input
VIL
VCC=5V
–0.3
+0.8
V
1
DC ELECTRICAL CHARACTERISTICS
(0
°C to 70°C; V
CC = 2.0 to 5.5V*)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Leakage
ILI
+500
µA
6
I/O Leakage
ILO
+500
µA
6
Logic 1 Output
VOH
VCC=2V
1.6
V
2
Logic 1 Output
VOH
VCC=5V
2.4
V
2
Logic 0 Output
VOL
VCC=2V
0.4
V
3
Logic 0 Output
VOL
VCC=5V
0.4
V
3
Active Supply Current
ICC
VCC=2V
0.4
mA
5
Active Supply Current
ICC
VCC=5V
1.2
mA
5
Timekeeping Current
ICC1
VCC=2V
0.3
µA
4
Timekeeping Current
ICC1
VCC=5V
1
µA
4
Leakage Current
ICC2
VCC=2V
100
nA
10
Leakage Current
ICC2
VCC=5V
100
nA
10
*Unless otherwise noted.
CAPACITANCE
(tA = 25°C)
PARAMETER
SYMBOL
CONDITION
TYP
MAX
UNITS
NOTES
Input Capacitance
CI
5
pF
I/O Capacitance
CI/O
10
pF
Crystal Capacitance
CX
6
pF


Similar Part No. - DS1202

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS120 LUMILEDS-DS120 Datasheet
2Mb / 17P
   Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
   Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
   Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
Maxim Integrated Produc...
DS1200 MAXIM-DS1200 Datasheet
233Kb / 7P
   Serial RAM Chip
092702
More results

Similar Description - DS1202

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1672 DALLAS-DS1672 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com