Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1100L-30 Datasheet(PDF) 3 Page - Dallas Semiconductor

Part # DS1100L-30
Description  3.3V 5-Tap Economy Timing Element Delay Line
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1100L-30 Datasheet(HTML) 3 Page - Dallas Semiconductor

  DS1100L-30 Datasheet HTML 1Page - Dallas Semiconductor DS1100L-30 Datasheet HTML 2Page - Dallas Semiconductor DS1100L-30 Datasheet HTML 3Page - Dallas Semiconductor DS1100L-30 Datasheet HTML 4Page - Dallas Semiconductor DS1100L-30 Datasheet HTML 5Page - Dallas Semiconductor DS1100L-30 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS1100L
3 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.5V to +6.0V
Operating Temperature Range
-40°C to +85°C
Storage Temperature Range
-55°C to +125°C
Soldering Temperature
See IPC/JEDEC J-STD-020A Specification
Short-Circuit Output Current
50mA for 1 second
*This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operation sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of time may affect reliability.
DC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V; TA = -40°C to +85°C.)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
NOTES
Supply Voltage
VCC
3.0
3.3
3.6
V
5
High-Level
Input Voltage
VIH
2.0
VCC +
0.3
V5
Low-Level
Input Voltage
VIL
-0.3
0.8
V
5
Input-Leakage
Current
II
0.0V
£ VI £ VCC
-1.0
1.0
µA
Active Current
ICC
VCC = Max; Freq. = 1MHz
10
mA
6, 8
High-Level
Output Current
IOH
VCC = Min. VOH = 2.3
-1
mA
Low-Level
Output Current
IOL
VCC = Min. VOL = 0.5
8
mA
AC ELECTRICAL CHARACTERISTICS
(VCC = 3.0V to 3.6V; TA = -40°C to +85°C.)
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX UNITS
NOTES
Input
Pulse Width
tWI
20% of
Tap 5
tPLH
ns
9
+25°C 3.3V
-2
Table 1
+2
ns
1, 3, 4, 7
0°C to +70°C
-3
Table 1
+3
ns
1, 2, 3, 4, 7
Input-to-Tap
Delay Tolerance
(Delays
£ 40ns)
tPLH,
tPHL
-40°C to +85°C
-4
Table 1
+4
ns
1, 2, 3, 4, 7
+25°C 3.3V
-5
Table 1
+5
%
1, 3, 4, 7
0°C to +70°C
-8
Table 1
+8
%
1, 2, 3, 4, 7
Input-to-Tap
Delay Tolerance
(Delays > 40ns)
tPLH,
tPHL
-40°C to +85°C
-13
Table 1
+13
%
1, 2, 3, 4, 7
Output Rise or
Fall Time
tOF, tOR
2.0
2.5
ns
Power-Up Time
tPU
200
µs
Input Period
Period
2(tWI)ns
9
CAPACITANCE
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Capacitance
CIN
510
pF


Similar Part No. - DS1100L-30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
DS1100L MAXIM-DS1100L Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
DS1100L MAXIM-DS1100L Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
DS1100LU-XXX MAXIM-DS1100LU-XXX Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
DS1100LU-XXX++ MAXIM-DS1100LU-XXX+ Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
More results

Similar Description - DS1100L-30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1100L_1110 MAXIM-DS1100L_1110 Datasheet
138Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
Rev 10/11
DS1100L MAXIM-DS1100L_V01 Datasheet
546Kb / 7P
   3.3V 5-Tap Economy Timing Element (Delay Line)
19-5736 ; Rev 7/15
logo
Dallas Semiconductor
DS1100 DALLAS-DS1100 Datasheet
154Kb / 6P
   5-Tap Economy Timing Element Delay Line
logo
Maxim Integrated Produc...
DS1100L MAXIM-DS1100L_11 Datasheet
136Kb / 6P
   3.3V 5-Tap Economy Timing Element (Delay Line) Low-Power CMOS
Rev 3/11
DS1100 MAXIM-DS1100_11 Datasheet
136Kb / 6P
   5-Tap Economy Timing Element (Delay Line) All-Silicon Timing Circuit
Rev 3/11
logo
List of Unclassifed Man...
3D3215 ETC1-3D3215 Datasheet
43Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE
logo
Data Delay Devices, Inc...
DDU8C3 DATADELAY-DDU8C3 Datasheet
45Kb / 4P
   5-TAP, 3.3V CMOS-INTERFACED FIXED DELAY LINE
3D3215 DATADELAY-3D3215 Datasheet
277Kb / 4P
   MONOLITHIC 5-TAP 3.3V FIXED DELAY LINE (SERIES 3D3215)
logo
Maxim Integrated Produc...
MXD1005 MAXIM-MXD1005 Datasheet
89Kb / 8P
   5-Tap Silicon Delay Line
19-1309; Rev 0; 10/97
logo
Dallas Semiconductor
DS1005 DALLAS-DS1005 Datasheet
62Kb / 6P
   5-Tap Silicon Delay Line
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com