Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1210 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1210
Description  Nonvolatile Controller Chip
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1210 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1210 Datasheet HTML 1Page - Dallas Semiconductor DS1210 Datasheet HTML 2Page - Dallas Semiconductor DS1210 Datasheet HTML 3Page - Dallas Semiconductor DS1210 Datasheet HTML 4Page - Dallas Semiconductor DS1210 Datasheet HTML 5Page - Dallas Semiconductor DS1210 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DS1210
4 of 6
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any Pin Relative to Ground
-0.3V to +7.0V
Operating Temperature
0
°C to 70°C
Storage Temperature
-55
°C to +125°C
Soldering Temperature
260
°C for 10 seconds
*
This is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operation sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods of time may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
(0
°C to 70°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Pin 3 = GND Supply Voltage
VCCI
4.75
5.0
5.5
V
1
Pin 3 = VCCO Supply Voltage
VCCI
4.5
5.0
5.5
V
1
Logic 1 Input
VIH
2.2
VCC+0.3
V
1
Logic 0 Input
VIL
-0.3
+0.8
V
1
Battery Input
VBAT1,
VBAT2
2.0
4.0
V
1, 2
(0
°C to 70°C; V
CCI = 4.75 to 5.5V PIN 3 = GND)
DC ELECTRICAL CHARACTERISTICS
(VCCI = 4.5 to 5.5V, PIN 3 = VCCO)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Supply Current
ICCI
5mA
3
Supply Voltage
VCCO
VCC-0.2
V
1
Supply Current
ICCO1
80
mA
4
Input Leakage
IIL
-1.0
+1.0
µA
Output Leakage
ILO
-1.0
+1.0
µA
CEO
Output @ 2.4V
IOH
-1.0
mA
5
CEO
Output @ 0.4V
IOL
4.0
mA
5
VCC Trip Point (TOL=GND)
VCCTP
4.50
4.62
4.74
V
1
VCC Trip Point (TOL=VCCO)VCCTP
4.25
4.37
4.49
V
1
(0°C to 70°C; VCCI = < VBAT)
CEO
Output
VOHL
VBAT-0.2
V
7
VBAT1 or VBAT2
Battery Current
IBAT
100
nA
2, 3
Battery Backup Current
@ VCCO = VBAT – 0.3V
ICCO2
50
µA
6, 7


Similar Part No. - DS1210

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210 Datasheet
137Kb / 6P
   Nonvolatile Controller Chip
logo
TT Electronics.
DS1210 TTELEC-DS1210 Datasheet
488Kb / 4P
   Platon Armoured Purgemeter
logo
Maxim Integrated Produc...
DS1210 MAXIM-DS1210 Datasheet
363Kb / 8P
   Nonvolatile Controller Chip
19-6294; Rev 6/12
DS1210++ MAXIM-DS1210+ Datasheet
363Kb / 8P
   Nonvolatile Controller Chip
19-6294; Rev 6/12
DS1210N++ MAXIM-DS1210N+ Datasheet
363Kb / 8P
   Nonvolatile Controller Chip
19-6294; Rev 6/12
More results

Similar Description - DS1210

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1210 MAXIM-DS1210 Datasheet
363Kb / 8P
   Nonvolatile Controller Chip
19-6294; Rev 6/12
logo
Dallas Semiconductor
DS1210 DALLAS-DS1210_03 Datasheet
137Kb / 6P
   Nonvolatile Controller Chip
logo
Maxim Integrated Produc...
DS1212 MAXIM-DS1212 Datasheet
91Kb / 7P
   Nonvolatile Controller x 16 Chip
111899
logo
Dallas Semiconductor
DS1211 DALLAS-DS1211 Datasheet
14Kb / 1P
   Nonvolatile Controller x 8 Chip
DS1221 DALLAS-DS1221 Datasheet
134Kb / 8P
   Nonvolatile Controller x 4 Chip
logo
Maxim Integrated Produc...
DS1211 MAXIM-DS1211 Datasheet
19Kb / 1P
   Nonvolatile Controller x 8 Chip
111899
logo
Dallas Semiconductor
DS1212 DALLAS-DS1212 Datasheet
85Kb / 7P
   Nonvolatile Controller x 16 Chip
logo
Maxim Integrated Produc...
DS1221 MAXIM-DS1221 Datasheet
139Kb / 8P
   Nonvolatile Controller x 4 Chip
111899
logo
Dallas Semiconductor
DS1218 DALLAS-DS1218 Datasheet
50Kb / 4P
   Nonvolatile Controller
logo
Maxim Integrated Produc...
DS1218 MAXIM-DS1218 Datasheet
344Kb / 7P
   Nonvolatile Controller
19-6295; Rev 6/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com