Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC355N Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC355N
Description  Mini-flat Package, Darlington Phototransistor Output Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC355N Datasheet(HTML) 4 Page - Sharp Corporation

  PC355N Datasheet HTML 1Page - Sharp Corporation PC355N Datasheet HTML 2Page - Sharp Corporation PC355N Datasheet HTML 3Page - Sharp Corporation PC355N Datasheet HTML 4Page - Sharp Corporation PC355N Datasheet HTML 5Page - Sharp Corporation PC355N Datasheet HTML 6Page - Sharp Corporation PC355N Datasheet HTML 7Page - Sharp Corporation PC355N Datasheet HTML 8Page - Sharp Corporation PC355N Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sheet No.: D2-A00801EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse Current
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Emitter-collector breakdown voltage
Collector current
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
MIN.
6
6
5
×1010
TYP.
1.2
30
16
0.8
1
×1011
0.6
60
53
MAX.
1.4
10
250
1000
75
1.0
1.0
300
250
Unit
V
V
µA
pF
nA
V
mA
V
pF
µs
µs
Symbol
VF
IR
Ct
ICEO
BVCEO
BVECO
IC
VCE (sat)
Cf
tr
tf
RISO
Response time
Rise time
Fall time
Input
Output
IF
=20mA
VR
=4V
V
=0, f=1kHz
VCE
=10V, IF=0
IC
=0.1mA, IF=0
IE
=10µA, IF=0
IF
=1mA, VCE=2V
DC500V, 40 to 60%RH
VCE
=2V, IC=2mA, RL=100Ω
V
=0, f=1MHz
IF
=20mA, IC=1mA
35
(Ta
=25˚C)
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f
=60Hz
*3 For 10s
Rating
50
1
70
Reverse voltage
V
VR
6
35
6
80
150
170
−30 to +100
−40 to +125
260
3.75
kV
4
PC355N Series


Similar Part No. - PC355N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC355NT SHARP-PC355NT Datasheet
54Kb / 5P
   Mini-Flat Package, High Sensitivity Photocoupler
More results

Similar Description - PC355N

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC355NJ0000F SHARP-PC355NJ0000F Datasheet
230Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output Photocoupler
PC3H5J00000F SHARP-PC3H5J00000F Datasheet
185Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output Photocoupler
PC365N SHARP-PC365N Datasheet
194Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC365NJ0000F SHARP-PC365NJ0000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC3H510NIP0F SHARP-PC3H510NIP0F Datasheet
187Kb / 12P
   Mini-flat Half Pitch Package, Darlington Phototransistor Output, Low Input Current Photocoupler
PC452J00000F SHARP-PC452J00000F Datasheet
233Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
PC452TEJ000F SHARP-PC452TEJ000F Datasheet
223Kb / 14P
   Mini-flat Package, Darlinton Phototransistor Output, High Collector-emitter Voltage Photocoupler
logo
COSMO Electronics Corp...
KPC357NT COSMO-KPC357NT_16 Datasheet
334Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
KPC354NT COSMO-KPC354NT_15 Datasheet
223Kb / 10P
   4PIN MINI-FLAT PHOTOTRANSISTOR PHOTOCOUPLER
logo
Vishay Siliconix
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com