Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

44300-1600 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 44300-1600
Description  Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 16 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

44300-1600 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  44300-1600 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
44300-1600
Status:
Active
Overview:
Micro-Fit 3.0™ Connectors
Description:
Micro-Fit 3.0 BMI™ Plug Housing, Dual Row, Panel Mount, 16 Circuits
Documents:
3D Model
Test Summary TS-44300-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-44300-001 (PDF)
Product Literature (PDF)
Packaging Specification PK-44300-001 (PDF)
Agency Certification
CSA
LR19980
TUV
R72081037
UL
E29179
General
Product Family
Crimp Housings
Series
44300
Application
Power, Wire-to-Board, Wire-to-Wire
Overview
Micro-Fit 3.0™ Connectors
Product Literature Order No
987650-5984
Product Name
Micro-Fit 3.0 BMI™
UPC
800753281943
Physical
Circuits (maximum)
16
Color - Resin
Black
Flammability
94V-0
Gender
Male
Glow-Wire Compliant
No
Material - Resin
Polyester
Net Weight
4.100/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
Yes
Pitch - Mating Interface
3.00mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
5A
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-44300-001
Product Specification
PS-44300-001, RPS-44300-001
Sales Drawing
SD-44300-001
Test Summary
TS-44300-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
44300Series
Mates With
44133 , 44764 , 44769
Use With
43031
This document was generated on 01/06/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 44300-1600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44300-1600 MOLEX6-44300-1600 Datasheet
135Kb / 2P
   3.00mm (.118") Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 16 Circuits
More results

Similar Description - 44300-1600

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44300-0400 MOLEX11-44300-0400 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 4 Circuits
44300-1200 MOLEX11-44300-1200 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 12 Circuits
44300-1800 MOLEX11-44300-1800 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 18 Circuits
44300-2400 MOLEX11-44300-2400 Datasheet
37Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 24 Circuits
44300-0800 MOLEX11-44300-0800 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 8 Circuits
0443001600 MOLEX6-0443001600 Datasheet
135Kb / 2P
   3.00mm (.118") Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 16 Circuits
44300-0600 MOLEX11-44300-0600 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 6 Circuits
44300-1400 MOLEX11-44300-1400 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 14 Circuits
44300-2000 MOLEX11-44300-2000 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 20 Circuits
44300-2200 MOLEX11-44300-2200 Datasheet
38Kb / 1P
   Micro-Fit 3.0 BMI??Plug Housing, Dual Row, Panel Mount, 22 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com