Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S4015L52 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # S4015L52
Description  Lead Form Dimensions
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S4015L52 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  S4015L52 Datasheet HTML 1Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 2Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 3Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 4Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 5Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 6Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 7Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 8Page - List of Unclassifed Manufacturers S4015L52 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
http://www.littelfuse.com
M2 - 4
©2004 Littelfuse, Inc.
+1 972-580-7777
Thyristor Product Catalog
Lead Form Dimensions
Data Sheets
TO-202AB Type 4 — F Package
TO-202AB Type 41 — F Package
TO-202AB Type 43 — F Package
Surface Mount
TO-220 Type 51 — R or L Package
Replaces RCA 6249
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.240
0.260
6.100
6.600
B
0.114
0.134
2.900
3.400
C
0.023
0.029
0.584
0.737
D
0.030
0.050
0.762
1.270
E
0.297
0.327
7.540
8.310
F
0.030
0.050
0.765
1.270
G
0.297
0.327
7.540
8.310
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.380
0.420
9.65
10.67
B
0.180
0.220
4.57
5.59
A
B
C
MT2 / Anode
D
E
F
G
Gate
MT1 / Cathode
MT2 / Anode
Gate
MT1 / Cathode
B
A
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.030
0.050
0.762
1.270
B
0.680
0.760
17.270
19.300
C
0.110
0.130
2.800
3.300
D
0.080
0.100
2.030
2.540
E
0.080
0.100
2.030
2.540
F
0.110
0.130
2.800
3.300
G
0.000
0.013
0.000
0.330
Dimension
Inches
Millimeters
MIN
MAX
MIN
MAX
A
0.320
0.340
8.13
8.64
B
0.190
4.83
C
0.795
0.850
20.19
21.59
MT2 / Anode
A
Gate
MT1 / Cathode
B
F
E
D
C
0.150
0.450
0.150
0.050
Five
PLCs
Pad Outline
G
A
C
MT2 / Anode
Gate
B
Ref Only
Mounting Tab
Common to
MT2 / Anode
for Non-isolated
R Package
MT1 / Cathode


Similar Part No. - S4015L52

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
S4015L TECCOR-S4015L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S4015L TECCOR-S4015L Datasheet
222Kb / 12P
   SCRs
logo
Littelfuse
S4015L LITTELFUSE-S4015L Datasheet
212Kb / 12P
   SCRs (1 A to 70 A)
S4015L LITTELFUSE-S4015L Datasheet
218Kb / 12P
   RoHS Compliant, Electrically-isolated package
logo
Texas Instruments
S4015L TI1-S4015L Datasheet
301Kb / 20P
[Old version datasheet]   CURRENT-MODE-PWM CONTROLLER
More results

Similar Description - S4015L52

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D4015L52 LITTELFUSE-D4015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L52 LITTELFUSE-D6015L52 Datasheet
151Kb / 10P
   Lead Form Dimensions
D6015L53 LITTELFUSE-D6015L53 Datasheet
151Kb / 10P
   Lead Form Dimensions
L6004L356 LITTELFUSE-L6004L356 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
List of Unclassifed Man...
S6020L53 ETC2-S6020L53 Datasheet
151Kb / 10P
   Lead Form Dimensions
logo
Littelfuse
Q4004L352 LITTELFUSE-Q4004L352 Datasheet
151Kb / 10P
   Lead Form Dimensions
217.040P LITTELFUSE-217.040P Datasheet
304Kb / 2P
   Available in Cartridge and Axial Lead Form
logo
Rohm
TUMD2 ROHM-TUMD2 Datasheet
43Kb / 1P
   Each lead has same dimensions
logo
AVX Corporation
SD1206T020S1R0 AVX-SD1206T020S1R0 Datasheet
626Kb / 6P
   Schottky Barrier Rectifier Diode Lead-less Chip Form
logo
Comchip Technology
Z4GP206L-HF COMCHIP-Z4GP206L-HF Datasheet
410Kb / 4P
   Lead less chip form, no lead damage, Low power loss, High efficiency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com