Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1202SN-8 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS1202SN-8
Description  Serial Timekeeping Chip
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1202SN-8 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS1202SN-8 Datasheet HTML 1Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 2Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 3Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 4Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 5Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 6Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 7Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 8Page - Dallas Semiconductor DS1202SN-8 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
DS1202, DS1202S
032697 2/11
OPERATION
The main elements of the Serial Timekeeper are shown
in Figure 1: shift register, control logic, oscillator, real
time clock, and RAM. To initiate any transfer of data,
RST is taken high and eight bits are loaded into the shift
register providing both address and command informa-
tion. Data is serially input on the rising edge of the SCLK.
The first eight bits specify which of 32 bytes will be ac-
cessed, whether a read or write cycle will take place,
and whether a byte or burst mode transfer is to occur.
After the first eight clock cycles have occurred which
load the command word into the shift register, additional
clocks will output data for a read or input data for a write.
The number of clock pulses equals eight plus eight for
byte mode or eight plus up to 192 for burst mode.
COMMAND BYTE
The command byte is shown in Figure 2. Each data
transfer is initiated by a command byte. The MSB (Bit 7)
must be a logic 1. If it is zero, further action will be termi-
nated. Bit 6 specifies clock/calendar data if logic 0 or
RAM data if logic 1. Bits one through five specify the
designated registers to be input or output, and the LSB
(Bit 0) specifies a write operation (input) if logic 0 or read
operation (output) if logic 1. The command byte is al-
ways input starting with the LSB (bit 0).
DS1202 BLOCK DIAGRAM Figure 1
32.768 KHz
X2
X1
OSCILLATOR
AND DIVIDER
REAL TIME
CLOCK
DATA BUS
INPUT SHIFT
REGISTERS
COMMAND AND
CONTROL LOGIC
ADDRESS BUS
24 X 8 RAM
I/O
SCLK
RST
ADDRESS/COMMAND BYTE Figure 2
1
7
6
A4
5
A3
4
A2
3
A1
2
A0
1
RD
0
W
RAM
CK


Similar Part No. - DS1202SN-8

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS120 LUMILEDS-DS120 Datasheet
2Mb / 17P
   Industry?셲 smallest high power emitter for use in close-packed applications requiring an undomed solution
logo
Dallas Semiconductor
DS1200 DALLAS-DS1200 Datasheet
228Kb / 7P
   Serial RAM Chip
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
644Kb / 4P
   Distributed Power System
DS1200 EMERSON-NETWORKPOWER-DS1200 Datasheet
472Kb / 4P
   1200 Watts Distributed Power System
logo
Maxim Integrated Produc...
DS1200 MAXIM-DS1200 Datasheet
233Kb / 7P
   Serial RAM Chip
092702
More results

Similar Description - DS1202SN-8

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1672 DALLAS-DS1672 Datasheet
104Kb / 13P
   Low Voltage Serial Timekeeping Chip
DS1302 DALLAS-DS1302_05 Datasheet
649Kb / 16P
   Trickle-Charge Timekeeping Chip
DS1302 DALLAS-DS1302 Datasheet
217Kb / 14P
   Trickle Charge Timekeeping Chip
logo
Tiger Electronic Co.,Lt...
DS1302 TGS-DS1302 Datasheet
1Mb / 14P
   Trickle Charge Timekeeping Chip
logo
ARTSCHIP ELECTRONICS CO...
DS1302 ARTSCHIP-DS1302 Datasheet
397Kb / 13P
   Trickle Charge Timekeeping Chip
logo
Maxim Integrated Produc...
DS1302 MAXIM-DS1302 Datasheet
247Kb / 13P
   Trickle-Charge Timekeeping Chip
REV: 120208
logo
Dallas Semiconductor
DS1643 DALLAS-DS1643 Datasheet
81Kb / 11P
   Nonvolatile Timekeeping RAM
logo
Maxim Integrated Produc...
DS1647 MAXIM-DS1647 Datasheet
383Kb / 12P
   Nonvolatile Timekeeping RAM
1955 96 ; Rev 10/10
DS1384 MAXIM-DS1384 Datasheet
484Kb / 18P
   Watchdog Timekeeping Controller
REV: 112105
logo
Intersil Corporation
ICM7245B INTERSIL-ICM7245B Datasheet
2Mb / 99P
   TIMEKEEPING DTMF CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com